Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

STMPS2161TTR Datasheet(PDF) 11 Page - STMicroelectronics

Part No. STMPS2161TTR
Description  Enhanced single channel power switches
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161TTR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STMPS2161TTR Datasheet HTML 7Page - STMicroelectronics STMPS2161TTR Datasheet HTML 8Page - STMicroelectronics STMPS2161TTR Datasheet HTML 9Page - STMicroelectronics STMPS2161TTR Datasheet HTML 10Page - STMicroelectronics STMPS2161TTR Datasheet HTML 11Page - STMicroelectronics STMPS2161TTR Datasheet HTML 12Page - STMicroelectronics STMPS2161TTR Datasheet HTML 13Page - STMicroelectronics STMPS2161TTR Datasheet HTML 14Page - STMicroelectronics STMPS2161TTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
STMPS2141, STMPS2151, STMPS2161, STMPS2171
Ambient temperature
Doc ID 13793 Rev 4
11/34
4
Ambient temperature
In Enable operating mode, an amount of power is dissipated as heat in the power switch due
to the on-resistance. The power dissipation is: P = I2R.
Table 4.
SOT23-5L (160 °C/W)
Part number
Max current
Max RON at
5V
Power
dissipation
Temperature
difference
(junction and
ambient)
Maximum ambient
temperature
(at junction
temperature 125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 mW
6.2
118.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 mW
24.8
100.2
STMPS2171
Table 5.
MSOP8 (220 °C/W)
Part number
Max
current
Max RON
at 5 V
Power
dissipation
Temperature
difference
(junction and
ambient)
Maximum ambient
temperature
(at junction temperature
125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 mW
7.2
117.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 mW
28.6
96.4
STMPS2171
Table 6.
SO-8 (160 °C/W)
Part number
Max current
Max RON
at 5 V
Power
dissipation
Temperature
difference (junction
and ambient)
Maximum ambient
temperature
(at junction temperature
125 °C)
STMPS2141
0.50 A
130 m
Ω
32.5 m
Ω
5.2
124.8
STMPS2151
STMPS2161
1.00 A
130 m
Ω
130.0 m
Ω
20.8
104.2
STMPS2171


Similar Part No. - STMPS2161TTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
STMPS2161 STMICROELECTRONICS-STMPS2161 Datasheet
1Mb / 30P
   Enhanced single channel power switches
STMPS2161STR STMICROELECTRONICS-STMPS2161STR Datasheet
1Mb / 30P
   Enhanced single channel power switches
More results

Similar Description - STMPS2161TTR

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
   Enhanced single channel power switches
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
   Enhanced dual-channel power switches
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
C&K Components
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
ITT Industries
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
C&K Components
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
ITT Industries
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
C&K Components
C&K Components
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
Monolithic Power Systems
Monolithic Power System...
MP6211 MPS-MP6211 Datasheet
264Kb / 11P
   3.3V/5V, Single-Channel 1A Current-Limited Power Distribution Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz