Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STMPS2161TTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # STMPS2161TTR
Description  Enhanced single channel power switches
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPS2161TTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STMPS2161TTR Datasheet HTML 10Page - STMicroelectronics STMPS2161TTR Datasheet HTML 11Page - STMicroelectronics STMPS2161TTR Datasheet HTML 12Page - STMicroelectronics STMPS2161TTR Datasheet HTML 13Page - STMicroelectronics STMPS2161TTR Datasheet HTML 14Page - STMicroelectronics STMPS2161TTR Datasheet HTML 15Page - STMicroelectronics STMPS2161TTR Datasheet HTML 16Page - STMicroelectronics STMPS2161TTR Datasheet HTML 17Page - STMicroelectronics STMPS2161TTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Electrical specifications
STMPS2141, STMPS2151, STMPS2161, STMPS2171
14/34
Doc ID 13793 Rev 4
Table 11.
Current limit characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
IOS
(STMPS2141
STMPS2151)
Overcurrent limiting
threshold
VI =5V
VOUT =4.5 V
0.60
0.80
1.00
A
IOS
(STMPS2161
STMPS2171)
Overcurrent limiting
threshold
1.10
1.50
1.90
A
IOS
(2141,2151)
Short circuit output
current
VI = 5 V, OUT
connected to GND,
device enabled into
short circuit
−−
0.9
A
IOS
(2161,2171)
Short circuit output
current
−−
1.8
A
Table 12.
Supply current characteristics
(VI = 5.5 V, IO = rated current, TJ = 25°C, unless otherwise specified)
Symbol
Parameter
Test condition
Value
Unit
Min
Typ
Max
Ioff
Switch turned off
No load
6.0
12
µA
No load;
-40 < TJ <125 °C
−−
15
Ion
Switch turned on
No load
40
60
µA
No load;
-40 < TJ <125 °C
−−
70
Ileakage
Output leakage
current (1)
1.
Ileakage = Ioff-ground - Ioff, where Ioff-ground = current into Vin when switch is off and output is grounded
Output grounded,
switch is OFF
−−
2
µA
Output grounded,
switch is OFF;
-40 < TJ < 125°C
−−
5
Ireverse
Reversed leakage
current
Switch is off, Vi < Vo,
output connected to
5.5 V, 25 °C
0.5
2
µA
Switch is off, Vi < Vo,
output connected to
5.5V, 125°C
0.5
3


Similar Part No. - STMPS2161TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2161 STMICROELECTRONICS-STMPS2161 Datasheet
1Mb / 30P
   Enhanced single channel power switches
STMPS2161STR STMICROELECTRONICS-STMPS2161STR Datasheet
1Mb / 30P
   Enhanced single channel power switches
More results

Similar Description - STMPS2161TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STMPS2141 STMICROELECTRONICS-STMPS2141 Datasheet
1Mb / 30P
   Enhanced single channel power switches
STMPS2242 STMICROELECTRONICS-STMPS2242 Datasheet
1Mb / 42P
   Enhanced dual-channel power switches
IPS160HF STMICROELECTRONICS-IPS160HF Datasheet
840Kb / 27P
   Single channel high-side switches
Rev 2 - June 2020
logo
ITT Industries
CM101J12S205QA ITT-CM101J12S205QA Datasheet
151Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL101J72S205DQA7 CK-COMPONENTS-CL101J72S205DQA7 Datasheet
651Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CL101J72S205QA ITT-CL101J72S205QA Datasheet
144Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CG101J12S205DQF7 CK-COMPONENTS-CG101J12S205DQF7 Datasheet
761Kb / 4P
   Single Pole Power Rocker Switches
logo
ITT Industries
CG101J12S205QF ITT-CG101J12S205QF Datasheet
154Kb / 4P
   Single Pole Power Rocker Switches
logo
C&K Components
CL CK-COMPONENTS-CL Datasheet
381Kb / 4P
   Single Pole Power Rocker Switches
2018
CM101J12S205DQA7 CK-COMPONENTS-CM101J12S205DQA7 Datasheet
563Kb / 4P
   Single Pole Power Rocker Switches
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com