Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS-BT2416C1AT1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # GS-BT2416C1AT1
Description  Bluetooth짰 class 1 module with embedded SPP SW
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS-BT2416C1AT1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button GS-BT2416C1AT1 Datasheet HTML 3Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 4Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 5Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 6Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 7Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 8Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 9Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 10Page - STMicroelectronics GS-BT2416C1AT1 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
GS-BT2416C1.AT1
Electrical characteristics
7/38
3
Electrical characteristics
3.1
DC I/O specification
4
Bluetooth® section
Table 3.
DC input / output specification
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
Vil
Low level input voltage
3.13 V < VDD < 3.47 V
0.8
V
Vih
High level input voltage
3.13 V < VDD < 3.47 V
2
V
Vhyst
Schmitt trigger hysteresis
3.13 V < VDD < 3.47 V
0.4
V
Vol
Low level output voltage
Io load = pin drive
capability
0.15
V
Voh
High level output voltage
Io load = pin drive
capability
VDD-
0.15
V
Table 4.
Bluetooth® section
Symbol
Parameter
Conditions
Values
Unit
Min
Typ
Max
CHs
Channel space
1
MHz
Hop
Hopping
1600
Hops/
sec
13M CK
System clock
13
MHZ
System clock stability
- 20 °C to 70 °C
- 20
20
ppm
LP CK
Low power clock
32
kHz
Low power clock accuracy
- 200
200
ppm
Tra
Transmission rate
asynchronous
721
kbits/
sec
Trs
Transmission rate
synchronous
432
kbits/
sec
Iop
Operation current TX mode
180
mA
Operation RX mode
60
mA


Similar Part No. - GS-BT2416C1AT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-BT2416C1 STMICROELECTRONICS-GS-BT2416C1 Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.A STMICROELECTRONICS-GS-BT2416C1.A Datasheet
279Kb / 11P
   Bluetooth Class 1 Module
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
GS-BT2416C1H STMICROELECTRONICS-GS-BT2416C1H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
More results

Similar Description - GS-BT2416C1AT1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-BT2416C2.AT1 STMICROELECTRONICS-GS-BT2416C2.AT1 Datasheet
851Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C2_0709 STMICROELECTRONICS-GS-BT2416C2_0709 Datasheet
804Kb / 32P
   Bluetooth class 2 module with embedded SPP SW
GS-BT2416C1.H STMICROELECTRONICS-GS-BT2416C1.H Datasheet
348Kb / 19P
   Bluetooth짰 class 1 module with embedded HCI FW
SPBT2632C1A STMICROELECTRONICS-SPBT2632C1A Datasheet
584Kb / 26P
   Bluetooth짰 technology class-1 module
logo
Microchip Technology
RN42 MICROCHIP-RN42 Datasheet
1Mb / 26P
   Class 2 Bluetooth짰 Module with EDR Support
03/25/14
logo
STMicroelectronics
SPBT2632C2A STMICROELECTRONICS-SPBT2632C2A Datasheet
548Kb / 27P
   Bluetooth짰 technology class-2 module
August 2012 Rev 4
logo
List of Unclassifed Man...
BR-LE4.0-S2 ETC-BR-LE4.0-S2 Datasheet
274Kb / 7P
   Bluetooth짰 4.0 Low Energy Single Mode Class 1 SoC Module
ARF7678AA ETC2-ARF7678AA Datasheet
186Kb / 1P
   Bluetooth짰 Module Class 2 - Data - 1mW - 2.41/2.48GHz
logo
STMicroelectronics
GS-BT2416C2.H STMICROELECTRONICS-GS-BT2416C2.H Datasheet
867Kb / 18P
   Bluetooth class 2 module with embedded HCI FW
STEVAL-SPBT3ATV3 STMICROELECTRONICS-STEVAL-SPBT3ATV3 Datasheet
742Kb / 8P
   USB dongle for the Bluetooth짰 class 2 SPBT2632C2A.AT2 module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com