Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD60N3LH5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STD60N3LH5
Description  N-channel 30 V, 0.0072 廓, 48 A DPAK, IPAK, TO-220 STripFET??V Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60N3LH5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STD60N3LH5_09 Datasheet HTML 4Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 5Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 6Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 7Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 8Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 9Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 10Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 11Page - STMicroelectronics STD60N3LH5_09 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Test circuits
STD60N3LH5, STP60N3LH5, STU60N3LH5
8/16
Doc ID 14079 Rev 3
3
Test circuits
Figure 13.
Switching times test circuit for
resistive load
Figure 14.
Gate charge test circuit
Figure 15.
Test circuit for inductive load
switching and diode recovery times
Figure 16.
Unclamped inductive load test
circuit
Figure 17.
Unclamped inductive waveform
Figure 18.
Switching time waveform


Similar Part No. - STD60N3LH5_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
More results

Similar Description - STD60N3LH5_09

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60N3LH5 STMICROELECTRONICS-STD60N3LH5 Datasheet
344Kb / 15P
   N-channel 30 V, 0.0072 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5_10 Datasheet
817Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD85N3LH5 STMICROELECTRONICS-STD85N3LH5 Datasheet
376Kb / 16P
   N-channel 30 V, 0.0042 廓 , 80 A, DPAK, TO-220, IPAK STripFET??V Power MOSFET
STD70N2LH5 STMICROELECTRONICS-STD70N2LH5 Datasheet
232Kb / 12P
   N-channel 25 V, 0.006 廓, 48 A - DPAK - IPAK STripFET??V Power MOSFET
STD27N3LH5 STMICROELECTRONICS-STD27N3LH5 Datasheet
1,021Kb / 21P
   N-channel 30 V, 0.014, 27 A, DPAK, IPAK, TO-220 STripFET V Power MOSFET
STD95N2LH5 STMICROELECTRONICS-STD95N2LH5_10 Datasheet
619Kb / 17P
   N-channel 25 V, 0.0038 廓, 80 A, DPAK, IPAK, TO-220 STripFET??V Power MOSFET
STB95N3LLH6 STMICROELECTRONICS-STB95N3LLH6 Datasheet
936Kb / 18P
   N-channel 30 V, 0.0037 廓 , 80 A, D2PAK, DPAK, IPAK, TO-220 STripFET VI DeepGATE Power MOSFET
STD75N3LLH6 STMICROELECTRONICS-STD75N3LLH6 Datasheet
1Mb / 21P
   N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
STD65N3LLH5 STMICROELECTRONICS-STD65N3LLH5 Datasheet
797Kb / 17P
   N-channel 30 V, 0.0061, 65 A, DPAK, IPAK STripFET V Power MOSFET
STD40N2LH5 STMICROELECTRONICS-STD40N2LH5 Datasheet
231Kb / 12P
   N-channel 25 V, 0.01 廓, 40 A, DPAK, IPAK STripFET??V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com