Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMT303A-0096-3000 Datasheet(PDF) 5 Page - CUI INC

Part # AMT303A-0096-3000
Description  COMMUTATION ENCODER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT303A-0096-3000 Datasheet(HTML) 5 Page - CUI INC

  AMT303A-0096-3000 Datasheet HTML 1Page - CUI INC AMT303A-0096-3000 Datasheet HTML 2Page - CUI INC AMT303A-0096-3000 Datasheet HTML 3Page - CUI INC AMT303A-0096-3000 Datasheet HTML 4Page - CUI INC AMT303A-0096-3000 Datasheet HTML 5Page - CUI INC AMT303A-0096-3000 Datasheet HTML 6Page - CUI INC AMT303A-0096-3000 Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
date
page
PART NUMBER:
DESCRIPTION:
11/2010
5 of 7
Encoder operational mode
• Initialization mode: At power up the encoder goes through an initiation and stabilization procedure.
This includes microprocessor stabilization and the program for combining Coarse
and Fine channel of the encoder for getting the absolute start position. This takes
less than 0.1 seconds.
• Tracking mode:
– MCU 12 bit position register is updated from Fine Asic every 48 μs.
– The commutation program in the MCU has a compensation for the average delay caused by the
update rate, leaving a remaining jitter of less than 24 μs RMS.
•The communication jitter expressed in electrical degrees will be proportional speed and
does not reach 6 deg RMS until the speed reaches the following values:
Serial Peripheral Interface Commands
The SPI or Serial Peripheral Interface Bus is a standard interface promoted by Motorola and Microchip among
others. It consists of 4 signals:
MOSI: Master Out Slave In
MISO: Master In Slave Out
SCK: Serial Clock
CSB: Chip Select Bar (active low)
SPI BUS
The SPI bus runs full duplex and transfers multiples of 8 bits in a frame. The SPI type is the most common
(CPOL=0, CPHA=0), also known as Microwire. Data is captured on the rising edge of SCK and the output data is
changed after the falling edge of SCK.
Figure 7: SPI BUS Timing Diagram
Serial Peripheral Interface Bus (SPI) on AMT303
APPLICATION NOTES
Pole Count
4
6
8
10
12
20
Speed Limit RPM
17,361
11,574
8,681
6,944
5,787
3,472
SCK
MISO
MOSI
CSB
msb
lsb
msb
lsb
Setup
Terminology
MSB = most significant byte
LSB = least significant byte
msb = most significant bit
lsb = least significant bit
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2380 www.cui.com
AMT303
COMMUTATION ENCODER


Similar Part No. - AMT303A-0096-3000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT303 CUI-AMT303 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303 Datasheet
569Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_11 Datasheet
695Kb / 6P
   MODULAR ENCODER
AMT303 CUI-AMT303_13 Datasheet
569Kb / 6P
   MODULAR ENCODER
More results

Similar Description - AMT303A-0096-3000

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT31 CUI-AMT31_18 Datasheet
834Kb / 11P
   MODULAR COMMUTATION ENCODER
AMT31 CUI-AMT31 Datasheet
814Kb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT31 CUID-AMT31 Datasheet
759Kb / 11P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
CUI INC
AMT31 CUI-AMT31_V01 Datasheet
792Kb / 11P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33_V01 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
09/10/2021
AMT33 CUI-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
logo
CUI Devices
AMT33 CUID-AMT33 Datasheet
1Mb / 10P
   MODULAR COMMUTATION ENCODER
08/05/2022
logo
AVAGO TECHNOLOGIES LIMI...
AEDB-9340 AVAGO-AEDB-9340 Datasheet
115Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
AEDB-9340-W06C AVAGO-AEDB-9340-W06C Datasheet
121Kb / 15P
   1250/2500 CPR Commutation Encoder Modules with Codewheel
logo
NXP Semiconductors
BTA216B PHILIPS-BTA216B Datasheet
48Kb / 6P
   Triacs high commutation
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com