Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STCD1030PDM6F Datasheet(PDF) 9 Page - STMicroelectronics

Part # STCD1030PDM6F
Description  Multichannel clock distribution circuit
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCD1030PDM6F Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STCD1030PDM6F Datasheet HTML 5Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 6Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 7Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 8Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 9Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 10Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 11Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 12Page - STMicroelectronics STCD1030PDM6F Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
STCD1020, STCD1030, STCD1040
Device overview
Doc ID 13823 Rev 6
9/40
Figure 5.
Block diagram
Table 2.
Pin names and functions
Pin
Type
Function
CLK1, CLK2, CLK3, CLK4
Output
Clock output channel #1, #2, #3, #4. A 0.001 µF DC cut
capacitor needed outside.
EN1, EN2, EN3, EN4
Input
Clock output channel #1, #2, #3, #4 enable, active high
MCLK
Input
Master clock input
VCC
Supply
Supply voltage. Bypass to GND with a 0.1 µF capacitor.
GND
Supply
Supply ground
NC
Not connected
STCD1040
EN4
EN3
EN2
EN1
CLK4
CLK3
CLK2
CLK1
MCLK
GND
VCC
1
2
4
3
ai13952


Similar Part No. - STCD1030PDM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD1030 STMICROELECTRONICS-STCD1030 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
STCD1030RDH6E STMICROELECTRONICS-STCD1030RDH6E Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
More results

Similar Description - STCD1030PDM6F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6T39007A IDT-IDT6T39007A Datasheet
282Kb / 15P
   CLOCK DISTRIBUTION CIRCUIT
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com