Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB25NM60ND Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB25NM60ND
Description  N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NM60ND Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB25NM60ND Datasheet HTML 6Page - STMicroelectronics STB25NM60ND Datasheet HTML 7Page - STMicroelectronics STB25NM60ND Datasheet HTML 8Page - STMicroelectronics STB25NM60ND Datasheet HTML 9Page - STMicroelectronics STB25NM60ND Datasheet HTML 10Page - STMicroelectronics STB25NM60ND Datasheet HTML 11Page - STMicroelectronics STB25NM60ND Datasheet HTML 12Page - STMicroelectronics STB25NM60ND Datasheet HTML 13Page - STMicroelectronics STB25NM60ND Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STx25NM60ND
10/18
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STB25NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
logo
Inchange Semiconductor ...
STB25NM60ND ISC-STB25NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB25NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com