Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB25NM60ND Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB25NM60ND
Description  N-channel 600 V, 0.13 廓, 21 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NM60ND Datasheet(HTML) 4 Page - STMicroelectronics

  STB25NM60ND Datasheet HTML 1Page - STMicroelectronics STB25NM60ND Datasheet HTML 2Page - STMicroelectronics STB25NM60ND Datasheet HTML 3Page - STMicroelectronics STB25NM60ND Datasheet HTML 4Page - STMicroelectronics STB25NM60ND Datasheet HTML 5Page - STMicroelectronics STB25NM60ND Datasheet HTML 6Page - STMicroelectronics STB25NM60ND Datasheet HTML 7Page - STMicroelectronics STB25NM60ND Datasheet HTML 8Page - STMicroelectronics STB25NM60ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Electrical characteristics
STx25NM60ND
4/18
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 5.
On/off states
Symbol
Parameter
Test conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
600
V
dv/dt(1)
1.
Characteristic value at turn off on inductive load
Drain source voltage slope
VDD= 480 V, ID= 21 A,
VGS= 10 V
48
V/ns
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating
VDS = Max rating @125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 20 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 10.5 A
0.13
0.16
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: pulse duration=300µs, duty cycle 1.5%
Forward transconductance
VDS = 15 V, ID = 10.5 A
17
S
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 50 V, f = 1 MHz,
VGS = 0
2400
150
15
pF
pF
pF
Coss eq.
(2)
2.
Coss eq. is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
Equivalent output
capacitance
VGS = 0, VDS = 0 to 480 V
320
pF
td(on)
tr
td(off)
tf
Turn-on delay time
Rise time
Turn-off delay time
Fall time
VDD = 300 V, ID = 10.5 A
RG =4.7 Ω VGS = 10 V
(see Figure 23),
(see Figure 18)
60
30
50
40
ns
ns
ns
ns
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 480 V, ID = 21 A,
VGS = 10 V,
(see Figure 19)
80
15
40
nC
nC
nC
Rg
Gate input resistance
f=1 MHz Gate DC Bias=0
Test signal level = 20 mV
Open drain
1.6


Similar Part No. - STB25NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
logo
Inchange Semiconductor ...
STB25NM60ND ISC-STB25NM60ND Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB25NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NM60ND STMICROELECTRONICS-STB25NM60ND Datasheet
530Kb / 18P
   N-channel 600 V - 0.13 廓 - 21 A FDmesh??II Power MOSFET D2PAK - I2PAK - TO-220FP - TO-220 - TO-247
STB15NM60ND STMICROELECTRONICS-STB15NM60ND Datasheet
600Kb / 19P
   N-channel 600 V - 0.27 廓 - 14 A - FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220, TO-220FP, TO-247
STB21NM60ND STMICROELECTRONICS-STB21NM60ND_09 Datasheet
559Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STP21NM60ND STMICROELECTRONICS-STP21NM60ND Datasheet
545Kb / 18P
   N-channel 600 V, 0.17 廓, 17 A FDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB25NM60NX STMICROELECTRONICS-STB25NM60NX Datasheet
578Kb / 18P
   N-channel 600 V, 0.130 廓 , 21 A, MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STX30NM60ND STMICROELECTRONICS-STX30NM60ND Datasheet
798Kb / 18P
   N-channel 600 V, 0.11 廓, 25 A FDmesh??II Power MOSFET (with fast diode) TO-220, TO-220FP, D2PAK, I2PAK, TO-247
STB30NM60N STMICROELECTRONICS-STB30NM60N_08 Datasheet
768Kb / 18P
   N-channel 600 V, 0.1 廓, 25 A, MDmesh??II Power MOSFET TO-220, TO-220FP, TO-247, D2PAK, I2PAK
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com