Electronic Components Datasheet Search |
|
AMT303-0200-3175 Datasheet(PDF) 1 Page - CUI INC |
|
AMT303-0200-3175 Datasheet(HTML) 1 Page - CUI INC |
1 / 7 page date page PART NUMBER: DESCRIPTION: 11/2010 1 of 7 20050 SW 112th Ave. Tualatin, Oregon 97062 phone 503.612.2300 fax 503.612.2380 www.cui.com AMT303 COMMUTATION ENCODER ELECTRICAL SPECIFICATIONS parameter conditions/description min nom max units power supply 4.5 5 5.5 V current consumption 810 mA commutation output signals U, V, W phase commutation pole 2, 4, 6, 8, 10, 12, 20 (software programmable) incremental output signals A, B, Z phase (A, B, Z available on AMT303LD) incremental output waveform square wave incremental output resolutions 96, 192, 200, 250, 400, 500, 512, 1024 96 512 1,024 ppr Index one pulse per 360 deg incremental output current output voltage - sourcing to +5 V @ -32 mA output voltage - sinking to ground @ -32 mA 3.8 0.55 V V MECHANICAL SPECIFICATIONS parameter conditions/description min nom max units output range 360 deg mounting hole options A) 2 each M1.6 on 16 mm (0.63”) bolt circle B) 2 each #4 on 19.05 mm (0.75”) bolt circle C) 2 each M1.6 or M2 on 20 mm (0.787”) bolt circle D) 3 each M1.6 or M2 on 20.9 mm (0.823”) bolt circle with washers in option B holes E) 3 each M1.6 or M2 on 22 mm (0.866”) bolt circle F) 4 each M1.6 or M2 on 25.4 mm (1”) bolt circle FEATURES - U,V,W Commutation lines - Small Size 37mm - Line count up to 1024 - Optional Line Driver output - Single pulse index - Capacitive ASIC technology - Modular locking hub design for ease of installation - 2,4,6,8,10,12, or 20 pole motors - SPI adjustable settings - ‘One Touch’ commutation signal alignment The AMT 303 is a commutation encoder with additional incremental channels A, B, and Z. The encoder output utilizes standard U,V,W commutation signals with additional quadrature A,B and Index signals provided for speed control or positioning operations. A SPI serial bus allows for commutation settings to be easily adjusted via a demo board, or preconfigured and stored for large production assembly for various motor configurations. ENVIRONMENTAL SPECIFICATIONS parameter conditions/description min nom max units operating temperature -40 125 °C humidity 85 %RH vibration 1.5mm, 3 directions, 2 hours 10 55 Hz |
Similar Part No. - AMT303-0200-3175 |
|
Similar Description - AMT303-0200-3175 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |