Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRPLCFL5U Datasheet(PDF) 1 Page - International Rectifier

Part # IRPLCFL5U
Description  CFL Ballast for 26W/Spiral Lamp, 120VAC Input
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRPLCFL5U Datasheet(HTML) 1 Page - International Rectifier

  IRPLCFL5U Datasheet HTML 1Page - International Rectifier IRPLCFL5U Datasheet HTML 2Page - International Rectifier IRPLCFL5U Datasheet HTML 3Page - International Rectifier IRPLCFL5U Datasheet HTML 4Page - International Rectifier IRPLCFL5U Datasheet HTML 5Page - International Rectifier IRPLCFL5U Datasheet HTML 6Page - International Rectifier IRPLCFL5U Datasheet HTML 7Page - International Rectifier IRPLCFL5U Datasheet HTML 8Page - International Rectifier IRPLCFL5U Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
www.irf.com
1
IRPLCFL5U
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245
USA
!
CFL Ballast for 26W/Spiral Lamp, 120VAC Input
By Cecilia Contenti
TOPICS COVERED
Overview
Functional Description
Features
Fault Conditions
Electrical Characteristics
RPLCFL5U Layout
IR2520D Ballast Control IC
Design Procedure to adapt the
Circuit Description
design to different lamp types
1. Overview
The IRPLCFL5U reference design is an electronic ballast for driving 26W compact fluorescent
lamps from 120VAC. The circuit provides all of the necessary functions for preheat, ignition and on-
state operation of the lamp and also includes the EMI filter and the rectification stage. The circuit is
built around the IR2520D Ballast Control IC. The IR2520D provides adjustable preheat time, adjust-
able run frequency to set the lamp power, high starting frequency for soft start and to avoid lamp
flash, fault protection for open filament condition and failure to strike, low AC line protection and
auto-restart after line brownout conditions. The IR2520D is a low-cost solution specific for CFL
applications. The IR2520D has only 8 pins and allows the component count for the complete ballast
to be reduced down to 20 components.
2. Features
Programmable run frequency
Programmable preheat time
Open filaments and no-lamp protection
Failure to Strike and deactivated-lamp protection
Low AC line protection


Similar Part No. - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
More results

Similar Description - IRPLCFL5U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRPLCFL5E IRF-IRPLCFL5E Datasheet
255Kb / 15P
   CFL Ballast for 26W/Spiral Lamp, 220VAC Input
logo
STMicroelectronics
L6520 STMICROELECTRONICS-L6520 Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
L6520TR STMICROELECTRONICS-L6520TR Datasheet
326Kb / 19P
   Highly integrated ballast controller for TL and CFL
AN2590 STMICROELECTRONICS-AN2590 Datasheet
833Kb / 17P
   20 W dimmable CFL ballast solution
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
International Rectifier
IRPLDIM4E IRF-IRPLDIM4E Datasheet
653Kb / 17P
   Miniature Dimmable 26W Ballast Using IRS2530D DIM8TM Control IC
logo
Fairchild Semiconductor
FAN7387V FAIRCHILD-FAN7387V Datasheet
2Mb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
FAN7387V FAIRCHILD-FAN7387V_12 Datasheet
1,018Kb / 12P
   Ballast Control IC for Compact Fluorescent Lamp
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com