Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYD13D Datasheet(PDF) 2 Page - EIC discrete Semiconductors

Part # BYD13D
Description  CONTROLLED AVALANCHE RECTIFIER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EIC [EIC discrete Semiconductors]
Direct Link  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BYD13D Datasheet(HTML) 2 Page - EIC discrete Semiconductors

  BYD13D Datasheet HTML 1Page - EIC discrete Semiconductors BYD13D Datasheet HTML 2Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES ( BYD13D - BYD13M )
FIG.1 - DERATING CURVE FOR OUTPUT
FIG.2 - MAXIMUM NON-REPETITIVE PEAK
RECTIFIED CURRENT
FORWARD SURGE CURRENT
0
25
50
75
100
125
150
175
0
2
4
6
10
20
40
60
100
TIE-POINT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL INSTANTANEOUS FORWARD
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
FORWARD VOLTAGE, VOLTS
Page 2 of 2
Rev. 02 : March 25, 2005
1.6
1.2
0.8
0.4
2.0
10
1.0
20
0
25
0
15
10
5
0.1
80
0.0
0.01
1.0
0.1
100
140
0
20
40
60
120
PERCENT OF RATED REVERSE
VOLTAGE, (%)
TJ = 25
°C
TJ = 100
°C
TJ = 25
°C
Ta = 25
°C
10


Similar Part No. - BYD13D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYD13D PHILIPS-BYD13D Datasheet
39Kb / 7P
   Controlled avalanche rectifiers
1996 May 24
logo
Shenzhen Taychipst Elec...
BYD13D TAYCHIPST-BYD13D Datasheet
3Mb / 3P
   Controlled avalanche rectifiers
logo
Vishay Siliconix
BYD13DGP VISHAY-BYD13DGP Datasheet
79Kb / 4P
   Avalanche Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results

Similar Description - BYD13D

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
   CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
logo
New Jersey Semi-Conduct...
BYX39 NJSEMI-BYX39 Datasheet
180Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
BYX56 NJSEMI-BYX56 Datasheet
187Kb / 3P
   CONTROLLED AVALANCHE RECTIFIER DIODES
logo
Diotec Semiconductor
P2500T DIOTEC-P2500T_16 Datasheet
178Kb / 2P
   Controlled Avalanche Standard Recovery Rectifier Diodes
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
   CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
   CONTROLLED AVALANCHE DIODES
logo
Diotec Semiconductor
RAL1A DIOTEC-RAL1A_15 Datasheet
143Kb / 2P
   Controlled Avalanche Fast Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
EAL1A DIOTEC-EAL1A_15 Datasheet
134Kb / 2P
   Controlled Avalanche Superfast Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com