Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC848CDXV6T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC848CDXV6T1
Description  Dual General Purpose Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC848CDXV6T1 Datasheet(HTML) 2 Page - ON Semiconductor

  BC848CDXV6T1 Datasheet HTML 1Page - ON Semiconductor BC848CDXV6T1 Datasheet HTML 2Page - ON Semiconductor BC848CDXV6T1 Datasheet HTML 3Page - ON Semiconductor BC848CDXV6T1 Datasheet HTML 4Page - ON Semiconductor BC848CDXV6T1 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BC847CDXV6T1, BC847CDXV6T5 BC848CDXV6T1, BC848CDXV6T5
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mA)
BC847CDXV6T1
BC848CDXV6T1
V(BR)CEO
45
30
V
Collector−Emitter Breakdown Voltage
(IC = 10 mA, VEB = 0)
BC847CDXV6T1
BC848CDXV6T1
V(BR)CES
50
30
V
Collector−Base Breakdown Voltage
(IC = 10 mA)
BC847CDXV6T1
BC848CDXV6T1
V(BR)CBO
50
30
V
Emitter−Base Breakdown Voltage
(IE = 1.0 mA)
BC847CDXV6T1
BC848CDXV6T1
V(BR)EBO
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = 10 mA, VCE = 5.0 V)
(IC = 2.0 mA, VCE = 5.0 V)
hFE
420
270
520
800
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector−Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base −Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base −Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base −Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base −Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure
(IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW,f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
ORDERING INFORMATION
Device
Specific Marking
Package
Shipping
BC847CDXV6T1
1G
SOT−563
4000 Units / Tape & Reel
BC847CDXV6T1G
SOT−563
(Pb−Free)
4000 Units / Tape & Reel
BC847CDXV6T5
SOT−563
8000 Units / Tape & Reel
BC847CDXV6T5G
SOT−563
(Pb−Free)
8000 Units / Tape & Reel
BC848CDXV6T1
1L
SOT−563
4000 Units / Tape & Reel
BC848CDXV6T1G
SOT−563
(Pb−Free)
4000 Units / Tape & Reel
BC848CDXV6T5
SOT−563
8000 Units / Tape & Reel
BC848CDXV6T5G
SOT−563
(Pb−Free)
8000 Units / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - BC848CDXV6T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC848CDXV6T1 ONSEMI-BC848CDXV6T1 Datasheet
64Kb / 6P
   Dual General Purpose Transistors
March, 2003 - Rev. 0
BC848CDXV6T1G ONSEMI-BC848CDXV6T1G Datasheet
102Kb / 5P
   Dual General Purpose Transistors
April, 2011 ??Rev. 3
BC848CDXV6T1G ONSEMI-BC848CDXV6T1G Datasheet
138Kb / 5P
   Dual General Purpose Transistors
November, 2011 ??Rev. 4
More results

Similar Description - BC848CDXV6T1

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com