Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC849BLT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC849BLT3G
Description  General Purpose Transistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC849BLT3G Datasheet(HTML) 2 Page - ON Semiconductor

  BC849BLT3G Datasheet HTML 1Page - ON Semiconductor BC849BLT3G Datasheet HTML 2Page - ON Semiconductor BC849BLT3G Datasheet HTML 3Page - ON Semiconductor BC849BLT3G Datasheet HTML 4Page - ON Semiconductor BC849BLT3G Datasheet HTML 5Page - ON Semiconductor BC849BLT3G Datasheet HTML 6Page - ON Semiconductor BC849BLT3G Datasheet HTML 7Page - ON Semiconductor BC849BLT3G Datasheet HTML 8Page - ON Semiconductor BC849BLT3G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BC846ALT1G Series
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage BC846A,B
(IC = 10 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)CEO
65
45
30
V
Collector−Emitter Breakdown Voltage BC846A,B
(IC = 10 mA, VEB = 0)
BC847A,B,C BC850B,C
BC848A,B,C, BC849B,C
V(BR)CES
80
50
30
V
Collector−Base Breakdown Voltage
BC846A,B
(IC = 10 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)CBO
80
50
30
V
Emitter−Base Breakdown Voltage
BC846A,B
(IE = 1.0 mA)
BC847A,B,C, BC850B,C
BC848A,B,C, BC849B,C
V(BR)EBO
6.0
6.0
5.0
V
Collector Cutoff Current (VCB = 30 V)
(VCB = 30 V, TA = 150°C)
ICBO
15
5.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
BC846A, BC847A, BC848A
(IC = 10 mA, VCE = 5.0 V)
BC846B, BC847B, BC848B
BC847C, BC848C
(IC = 2.0 mA, VCE = 5.0 V)
BC846A, BC847A, BC848A
BC846B, BC847B, BC848B,
BC849B, BC850B
BC847C, BC848C, BC849C, BC850C
hFE
110
200
420
90
150
270
180
290
520
220
450
800
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Collector−Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VCE(sat)
0.25
0.6
V
Base −Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA)
Base −Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA)
VBE(sat)
0.7
0.9
V
Base −Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V)
Base −Emitter Voltage (IC = 10 mA, VCE = 5.0 V)
VBE(on)
580
660
700
770
mV
SMALL−SIGNAL CHARACTERISTICS
Current−Gain − Bandwidth Product
(IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance (VCB = 10 V, f = 1.0 MHz)
Cobo
4.5
pF
Noise Figure (IC = 0.2 mA,
VCE = 5.0 Vdc, RS = 2.0 kW,
BC846A,B, BC847A,B,C, BC848A,B,C
f = 1.0 kHz, BW = 200 Hz)
BC849B,C, BC850B,C
NF
10
4.0
dB


Similar Part No. - BC849BLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC849BLT3G ONSEMI-BC849BLT3G Datasheet
178Kb / 13P
   General Purpose Transistors
November, 2011 ??Rev. 11
BC849BLT3G ONSEMI-BC849BLT3G Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
BC849BLT3G ONSEMI-BC849BLT3G Datasheet
113Kb / 13P
   General Purpose Transistors
January, 2017 ??Rev. 17
More results

Similar Description - BC849BLT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com