Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST715M18R Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST715M18R
Description  High input voltage - 85 mA LDO linear regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST715M18R Datasheet(HTML) 2 Page - STMicroelectronics

  ST715M18R Datasheet HTML 1Page - STMicroelectronics ST715M18R Datasheet HTML 2Page - STMicroelectronics ST715M18R Datasheet HTML 3Page - STMicroelectronics ST715M18R Datasheet HTML 4Page - STMicroelectronics ST715M18R Datasheet HTML 5Page - STMicroelectronics ST715M18R Datasheet HTML 6Page - STMicroelectronics ST715M18R Datasheet HTML 7Page - STMicroelectronics ST715M18R Datasheet HTML 8Page - STMicroelectronics ST715M18R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Contents
ST715XX, ST715XX25, ST715XX33
2/19
Doc ID 14414 Rev 7
Contents
1
Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
3
Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
4
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
5
Output voltage selection for adjustable version . . . . . . . . . . . . . . . . . . 8
5.1
External capacitor requirements . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
5.2
Power dissipation and junction temperature . . . . . . . . . . . . . . . . . . . . . . . . 8
6
Typical application . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
7
Typical performance characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
9
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18


Similar Part No. - ST715M18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST715M25R STMICROELECTRONICS-ST715M25R Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
ST715M25R STMICROELECTRONICS-ST715M25R Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
ST715M33R STMICROELECTRONICS-ST715M33R Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
ST715M33R STMICROELECTRONICS-ST715M33R Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
ST715MR STMICROELECTRONICS-ST715MR Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
More results

Similar Description - ST715M18R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
LDK715 STMICROELECTRONICS-LDK715 Datasheet
542Kb / 18P
   High input voltage 85 mA LDO linear regulator
July 2014 Rev 1
logo
ON Semiconductor
NCP4624 ONSEMI-NCP4624 Datasheet
1Mb / 18P
   150 mA, Wide Input Range, LDO Linear Voltage Regulator
February, 2012 ??Rev. 0
NCP4629 ONSEMI-NCP4629_11 Datasheet
801Kb / 15P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
June, 2011 ??Rev. 0
NCP4629 ONSEMI-NCP4629 Datasheet
118Kb / 6P
   500 mA, Wide Input Range, LDO Linear Voltage Regulator
December, 2010 ??Rev. P1
NCP4687 ONSEMI-NCP4687 Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
December, 2014 ??Rev. 3
NCP4687DH18T1G ONSEMI-NCP4687DH18T1G Datasheet
1Mb / 18P
   500 mA, High PSRR, LDO Linear Voltage Regulator
February, 2012 ??Rev. 2
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
FS8855 FORTUNE-FS8855 Datasheet
824Kb / 14P
   500 mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com