Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA5150 Datasheet(PDF) 46 Page - Infineon Technologies AG

Part # TDA5150
Description  On-chip, high resolution fractional-N synthesizer and Sigma-Delta modulator with ASK, FSK, GFSK options
Download  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDA5150 Datasheet(HTML) 46 Page - Infineon Technologies AG

Back Button TDA5150 Datasheet HTML 42Page - Infineon Technologies AG TDA5150 Datasheet HTML 43Page - Infineon Technologies AG TDA5150 Datasheet HTML 44Page - Infineon Technologies AG TDA5150 Datasheet HTML 45Page - Infineon Technologies AG TDA5150 Datasheet HTML 46Page - Infineon Technologies AG TDA5150 Datasheet HTML 47Page - Infineon Technologies AG TDA5150 Datasheet HTML 48Page - Infineon Technologies AG TDA5150 Datasheet HTML 49Page - Infineon Technologies AG TDA5150 Datasheet HTML 50Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
TDA 5150
TDA 5150 Functional Description
Data Sheet
46
V 1.0, July 2009
.
Figure 17
PA Core with Output Power Control
Two independent PA power level settings can be configured. With the Transmit
Command the PA power level is selected together with the modulation setting. This
means, either power level 1 AND modulation type 1 or power level 2 AND modulation
type 2 are selected, according to Modulation Setting 1 or Modulation Setting 2 field in
Transmit Configuration byte.
The 3 PA Blocks are enabled by PA_PS1 and PA_PS2 bits within SFR POWCFG0
(0x1A). The bits PA_PS1 do enable the PA blocks for power level 1 and bits PA_PS2
are used for power level 2.
Enabling the 3 PA Blocks offers following typical PA ranges (note that the PA output
power depends also on the external matching circuit, at a quite large extent):
PA_PS bit0=1: 5dBm matched; Pout = +5dBm down to -10dBm, 9 PA Stages
PA_PS bit1=1: 8dBm matched; Pout = +8dBm down to -10dBm, 10 PA Stages
PA_PS bit2=1:10dBm matched; Pout = +10dBm down to -10dBm, 11 PA Stages
In addition to enabling the PA Blocks, the 11 PA stages have to be configured. This is
achieved by setting the bit-fields POUT1 (0x1B.3:0) for power level 1 and POUT2
(0x1B.7:4) for power level 2 in SFR POWCFG1 (0x1B) (POUTn=0 means that the PA is
effectively OFF).
1
PAout
1
from SDPLL
VDD
1
Driver
4
PA &
ASK Sloping
control
SLOPDIV
10
PA_PS bit2 - stage 11
PA_PS bit1 - stage 10
PA_PS bit0 - stages 9-1
9


Similar Part No. - TDA5150

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5153 PHILIPS-TDA5153 Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153AG PHILIPS-TDA5153AG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153BG PHILIPS-TDA5153BG Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5153X PHILIPS-TDA5153X Datasheet
128Kb / 28P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Jul 02
TDA5155 PHILIPS-TDA5155 Datasheet
112Kb / 24P
   Pre-amplifier for Hard Disk Drive HDD with MR-read/inductive write heads
1997 Apr 08
More results

Similar Description - TDA5150

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2150 MAXIM-MAX2150 Datasheet
357Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
19-2389; Rev 1; 8/03
MAX2150 MAXIM-MAX2150_06 Datasheet
350Kb / 16P
   Wideband I/Q Modulator with Sigma-Delta Fractional-N Synthesizer
Rev 3; 3/06
logo
Asahi Kasei Microsystem...
AK1590 AKM-AK1590 Datasheet
988Kb / 36P
   1GHz Delta-Sigma Fractional-N Frequency Synthesizer
AK1541 AKM-AK1541 Datasheet
909Kb / 36P
   20 to 600MHz Delta-Sigma Fractional -N Frequency Synthesizer
AK1541 AKM-AK1541_17 Datasheet
944Kb / 37P
   20 to 600Mhz Delta-Sigma Fractional-N Frequency Synthesizer
logo
Maxim Integrated Produc...
DS8102 MAXIM-DS8102 Datasheet
157Kb / 9P
   Dual Delta-Sigma Modulator and Encoder
Rev 1; 2/09
logo
Analog Devices
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
   Isolated Sigma-Delta Modulator
REV. D
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
   Isolated Sigma-Delta Modulator
Rev. D
logo
RF Micro Devices
RF6001 RFMD-RF6001_1 Datasheet
1Mb / 70P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
RF6001 RFMD-RF6001 Datasheet
35Kb / 2P
   FRACTIONAL-N RF SYNTHESIZER WITH MODULATOR AND DIGITAL IF FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com