Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS170W Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BAS170W
Description  Silicon Schottky Diode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAS170W Datasheet(HTML) 3 Page - Infineon Technologies AG

  BAS170W Datasheet HTML 1Page - Infineon Technologies AG BAS170W Datasheet HTML 2Page - Infineon Technologies AG BAS170W Datasheet HTML 3Page - Infineon Technologies AG BAS170W Datasheet HTML 4Page - Infineon Technologies AG BAS170W Datasheet HTML 5Page - Infineon Technologies AG BAS170W Datasheet HTML 6Page - Infineon Technologies AG BAS170W Datasheet HTML 7Page - Infineon Technologies AG BAS170W Datasheet HTML 8Page - Infineon Technologies AG BAS170W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
2007-09-19
3
BAS70.../BAS170W
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
BAS70, BAS70-07
BAS70-02L,
BAS70-02W
BAS70-04, BAS70-06
BAS70-04S/W, BAS70-06W
BAS70-05
BAS70-05W
BAS70-07W
BAS170W
RthJS
≤ 310
≤ 130
≤ 170
≤ 410
≤ 210
≤ 510
≤ 240
≤ 145
≤ 190
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Breakdown voltage
I(BR) = 10 µA
V(BR)
70
-
-
V
Reverse current
VR = 50 V
IR
-
-
0.1
µA
Forward voltage
IF = 1 mA
IF = 10 mA
IF = 15 mA
VF
300
600
720
375
705
880
410
750
1000
mV
Forward voltage matching2)
IF = 10 mA
∆ V
F
-
-
20
1For calculation of RthJA please refer to Application Note Thermal Resistance
2
∆V
F is the difference between lowest and highest VF in a multiple diode component.


Similar Part No. - BAS170W

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAS170W SIEMENS-BAS170W Datasheet
96Kb / 4P
   Silicon Schottky Diode (General-purpose diodes for high-speed switching Circuit protection Voltage clamping)
logo
Infineon Technologies A...
BAS170W INFINEON-BAS170W Datasheet
553Kb / 12P
   Silicon Schottky Diode
Feb-03-2003
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAS170W INFINEON-BAS170W Datasheet
1Mb / 24P
   Silicon Schottky Diode
2014-02-13
logo
Vishay Siliconix
BAS170WS VISHAY-BAS170WS Datasheet
70Kb / 4P
   Schottky Diodes
Rev. 1.2, 18-Nov-03
More results

Similar Description - BAS170W

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com