Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPI12N50C3 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # SPI12N50C3
Description  New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPI12N50C3 Datasheet(HTML) 4 Page - Infineon Technologies AG

  SPI12N50C3 Datasheet HTML 1Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 2Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 3Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 4Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 5Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 6Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 7Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 8Page - Infineon Technologies AG SPI12N50C3 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
200
7-08-30
Rev.
3.0
Page 4
SPP12N50
C3
SPI12N50C3, SPA12N50C3
Electrical Characteristics
Parameter
Symbol
Conditions
Values
Unit
min.
typ.
max.
Inverse diode continuous
forward current
IS
TC=25°C
-
-
11.6 A
Inverse diode direct current,
pulsed
ISM
-
-
34.8
Inverse diode forward voltage
VSD
VGS=0V, IF=IS
-
1
1.2
V
Reverse recovery time
trr
VR=400V, IF=IS ,
diF/dt=100A/µs
-
380
-
ns
Reverse recovery charge
Qrr
-
5.5
-
µC
Peak reverse recovery current
Irrm
-
38
-
A
Peak rate of fall of reverse
recovery current
dirr/dt
Tj=25°C
-
1100
-
A/µs
Typical Transient Thermal Characteristics
Symbol
Value
Unit
Symbol
Value
Unit
SPP_I
SPA
SPP_I
SPA
Rth1
0.015
0.15
K/W
Cth1
0.0001878
0.0001878 Ws/K
Rth2
0.03
0.03
Cth2
0.0007106
0.0007106
Rth3
0.056
0.056
Cth3
0.000988
0.000988
Rth4
0.197
0.194
Cth4
0.002791
0.002791
Rth5
0.216
0.413
Cth5
0.007285
0.007401
Rth6
0.083
2.522
Cth6
0.063
0.412
External H eatsink
Tj
Tcase
Tamb
Cth1
Cth2
R th1
Rth,n
Cth,n
Ptot (t)


Similar Part No. - SPI12N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI12N50C3 INFINEON-SPI12N50C3 Datasheet
365Kb / 13P
   Cool MOS??Power Transistor
Rev. 2.1 2004-03-29
SPI12N50C3 INFINEON-SPI12N50C3 Datasheet
644Kb / 14P
   Cool MOS??Power Transistor Feature New revolutionary high voltage technology
Rev. 3.1 2009-11-30
logo
Inchange Semiconductor ...
SPI12N50C3 ISC-SPI12N50C3 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - SPI12N50C3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPI11N60CFD INFINEON-SPI11N60CFD Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.6 2009-04-24
SPP11N65C3 INFINEON-SPP11N65C3_07 Datasheet
1,019Kb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.9 2007-08-30
SPP04N50C3 INFINEON-SPP04N50C3_09 Datasheet
635Kb / 13P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.8 2009-11-26
SPP16N50C3 INFINEON-SPP16N50C3_09 Datasheet
729Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.2 2009-12-22
SPB21N50C3 INFINEON-SPB21N50C3_05 Datasheet
1Mb / 12P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.3 2005-11-07
SPP07N65C3 INFINEON-SPP07N65C3_09 Datasheet
2Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 1.91 2009-07-23
SPP08N50C3 INFINEON-SPP08N50C3_09 Datasheet
732Kb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 2.91 2009-11-27
SPP16N50C3 INFINEON-SPP16N50C3_07 Datasheet
1Mb / 14P
   New revolutionary high voltage technology Ultra low gate charge Periodic avalanche rated
Rev. 3.0 2007-08-30
SPP07N60C3 INFINEON-SPP07N60C3_07 Datasheet
1Mb / 15P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 3.1 2007-08-30
SPB11N60S5 INFINEON-SPB11N60S5_05 Datasheet
691Kb / 11P
   New revolutionary high voltage technology Ultra low gate charge
Rev. 2.3 2005-07-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com