Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W77L516A25PL Datasheet(PDF) 6 Page - Winbond

Part # W77L516A25PL
Description  8-BIT MICROCONTROLLER
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W77L516A25PL Datasheet(HTML) 6 Page - Winbond

Back Button W77L516A25PL Datasheet HTML 2Page - Winbond W77L516A25PL Datasheet HTML 3Page - Winbond W77L516A25PL Datasheet HTML 4Page - Winbond W77L516A25PL Datasheet HTML 5Page - Winbond W77L516A25PL Datasheet HTML 6Page - Winbond W77L516A25PL Datasheet HTML 7Page - Winbond W77L516A25PL Datasheet HTML 8Page - Winbond W77L516A25PL Datasheet HTML 9Page - Winbond W77L516A25PL Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 89 page
background image
W77LE516/W77L516A
- 6 -
5. FUNCTIONAL DESCRIPTION
The W77L516A is 8052 pin compatible and instruction set compatible. It includes the resources of the
standard 8052 such as four 8-bit I/O Ports, three 16-bit timer/counters, full duplex serial port and
interrupt sources.
The W77L516A features a faster running and better performance 8-bit CPU with a redesigned core
processor without wasted clock and memory cycles. it improves the performance not just by running at
high frequency but also by reducing the machine cycle duration from the standard 8052 period of
twelve clocks to four clock cycles for the majority of instructions. This improves performance by an
average of 1.5 to 3 times. The W77L516A also provides dual Data Pointers (DPTRs) to speed up
block data memory transfers. It can also adjust the duration of the MOVX instruction (access to off-
chip data memory) between two machine cycles and nine machine cycles. This flexibility allows the
W77L516A to work efficiently with both fast and slow RAMs and peripheral devices. In addition, the
W77L516A contains on-chip 1KB MOVX SRAM, the address of which is between 0000H and 03FFH.
It only can be accessed by MOVX instruction; this on-chip SRAM is optional under software control.
The W77L516A is an 8052 compatible device that gives the user the features of the original 8052
device, but with improved speed and power consumption characteristics. It has the same instruction
set as the 8051 family, with one addition: DEC DPTR (op-code A5H, the DPTR is decreased by 1).
While the original 8051 family was designed to operate at 12 clock periods per machine cycle, the
W77L516A operates at a much reduced clock rate of only 4 clock periods per machine cycle. This
naturally speeds up the execution of instructions. Consequently, the W77L516A can run at a higher
speed as compared to the original 8052, even if the same crystal is used. Since the W77L516A is a
fully static CMOS design, it can also be operated at a lower crystal clock, giving the same throughput
in terms of instruction execution, yet reducing the power consumption.
The 4 clocks per machine cycle feature in the W77L516A is responsible for a three-fold increase in
execution speed. The W77L516A has all the standard features of the 8052, and has a few extra
peripherals and features as well.
I/O Ports
The W77L516A has four 8-bit ports and one extra 4-bit port. Port 0 can be used as an Address/Data
bus when external program is running or external memory/device is accessed by MOVC or MOVX
instruction. In these cases, it has strong pull-ups and pull-downs, and does not need any external pull-
ups. Otherwise it can be used as a general I/O port with open-drain circuit. Port 2 is used chiefly as
the upper 8-bits of the Address bus when port 0 is used as an address/data bus. It also has strong
pull-ups and pull-downs when it serves as an address bus. Port 1 and 3 act as I/O ports with alternate
functions. Port 4 is only available on 44-pin PLCC/QFP package type. It serves as a general purpose
I/O port as Port 1 and Port 3. The P4.0 has an alternate function CP RL
/2 which is the wait state control
signal. When wait state control signal is enabled, P4.0 is input only.
Serial I/O
The W77L516A has two enhanced serial ports that are functionally similar to the serial port of the
original 8052 family. However the serial ports on the W77L516A can operate in different modes in
order to obtain timing similarity as well. Note that the serial port 0 can use Timer 1 or 2 as baud
rate generator, but the serial port 1 can only use Timer 1 as baud rate generator. The serial ports
have the enhanced features of Automatic Address recognition and Frame Error detection.


Similar Part No. - W77L516A25PL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W77L516A25PL NUVOTON-W77L516A25PL Datasheet
1Mb / 89P
   8-BIT MICROCONTROLLER
More results

Similar Description - W77L516A25PL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com