Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN5902MPX Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN5902MPX
Description  800mA Buck Converter for 3G RFPAs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5902MPX Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN5902MPX Datasheet HTML 1Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 2Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 3Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 4Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 5Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 6Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 7Page - Fairchild Semiconductor FAN5902MPX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5902 • Rev. 1.0.2.short
5
Typical Performance Characteristics
Typical performance at 25°C.
0
250
500
015
30
POUT [dBm]
IBAT with FAN5902
IBAT without FAN5902
0
15
30
015
30
POUT [dBm]
PAE without FAN5902
PAE with FAN5902
Figure 5. Comparison of RF PA Current Consumption
with and without FAN5902
Figure 6. Comparison of RFPA Power Added
Efficiency with and without FAN5902
Figure 7. Rise Times for 300mV, 500mV, and 2V
ΔVOUT
COUT = 2.2µF (VIN=3.7V)
Figure 8. Rise Times for 300mV, 500mV, and 2V
ΔVOUT COUT = 2.2µF (VIN=3.7V)


Similar Part No. - FAN5902MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5903 FAIRCHILD-FAN5903 Datasheet
409Kb / 3P
   Buck Converter with Bypass Mode for 3 G / 3.5 G / 4 G PAs
logo
ON Semiconductor
FAN5903 ONSEMI-FAN5903 Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Fairchild Semiconductor
FAN5903UCX FAIRCHILD-FAN5903UCX Datasheet
409Kb / 3P
   Buck Converter with Bypass Mode for 3 G / 3.5 G / 4 G PAs
logo
ON Semiconductor
FAN5903UCX ONSEMI-FAN5903UCX Datasheet
2Mb / 21P
   Buck Converter with Bypass Mode
Rev. 1.0.9
logo
Fairchild Semiconductor
FAN5904 FAIRCHILD-FAN5904 Datasheet
1Mb / 3P
   Multi-Mode Buck Converter for GSM/EDGE, 3G/3.5G and 4G PAs
More results

Similar Description - FAN5902MPX

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MAP7154 MGCHIP-MAP7154 Datasheet
1Mb / 14P
   6MHz, 800mA Buck Converter for RFPA
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL3406B BELLING-BL3406B Datasheet
462Kb / 11P
   1.5 MHz, 800mA Synchronous Buck Converter
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com