Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC817U Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BC817U
Description  NPN Silicon AF Transistor Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BC817U Datasheet(HTML) 4 Page - Infineon Technologies AG

  BC817U_07 Datasheet HTML 1Page - Infineon Technologies AG BC817U_07 Datasheet HTML 2Page - Infineon Technologies AG BC817U_07 Datasheet HTML 3Page - Infineon Technologies AG BC817U_07 Datasheet HTML 4Page - Infineon Technologies AG BC817U_07 Datasheet HTML 5Page - Infineon Technologies AG BC817U_07 Datasheet HTML 6Page - Infineon Technologies AG BC817U_07 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2007-04-20
4
BC817U
Transition frequency fT = ƒ(IC)
VCE = parameter in V, f = 2 GHz
10
EHP00218
BC 817/818
03
10
mA
1
10
3
10
5
5
10
1
10
2
10
2
C
T
f
MHz
Ι
Collector-base capacitance Ccb = ƒ(VCB)
Emitter-base capacitance Ceb = ƒ(VEB)
0
2
4
6
8
10
12
14
16
V
20
VCB/VEB
0
5
10
15
20
25
30
35
40
45
50
55
60
pF
75
CCB
CEB
Total power dissipation Ptot = ƒ(TS)
0
20
40
60
80
100
120 °C
150
TS
0
50
100
150
200
250
300
mW
400
Permissible Pulse Load RthJS = ƒ(tp)
10
-6
10
-5
10
-4
10
-3
10
-2
10
0
s
tp
-1
10
0
10
1
10
2
10
3
10
K/W
D=0.5
0.2
0.1
0.05
0.02
0.01
0.005
0


Similar Part No. - BC817U_07

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
BC817U-A FS-BC817U-A Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-B FS-BC817U-B Datasheet
280Kb / 3P
   General Purpose Transistors
BC817U-C FS-BC817U-C Datasheet
280Kb / 3P
   General Purpose Transistors
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN Datasheet
137Kb / 4P
   NPN/PNP Silicon Transistor Array
Aug-21-2002
BC817UPN INFINEON-BC817UPN Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
More results

Similar Description - BC817U_07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BC817UPN INFINEON-BC817UPN_11 Datasheet
530Kb / 7P
   NPN Silicon AF Transistor Array
2011-09-15
BCM846SH6327 INFINEON-BCM846SH6327 Datasheet
546Kb / 9P
   NPN Silicon AF Transistor Array
2011-10-05
BC817UPN INFINEON-BC817UPN_07 Datasheet
77Kb / 7P
   NPN Silicon AF Transistor Array
2007-04-20
BC847S INFINEON-BC847S Datasheet
57Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S_07 Datasheet
91Kb / 9P
   NPN Silicon AF Transistor Array
2007-04-26
BC846S INFINEON-BC846S Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
BCM846S INFINEON-BCM846S Datasheet
184Kb / 7P
   NPN Silicon AF Transistor Array
Aug-30-2002
BC846U INFINEON-BC846U Datasheet
58Kb / 6P
   NPN Silicon AF Transistor Array
Nov-29-2001
SMBTA06U INFINEON-SMBTA06U Datasheet
51Kb / 5P
   NPN Silicon AF Transistor Array
Nov-30-2001
BC846PN INFINEON-BC846PN Datasheet
59Kb / 6P
   NPN/PNP Silicon AF Transistor Array
2007-04-20
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com