Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78LE51 Datasheet(PDF) 8 Page - Winbond

Part # W78LE51
Description  8-BIT MICROCONTROLLER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE51 Datasheet(HTML) 8 Page - Winbond

Back Button W78LE51 Datasheet HTML 4Page - Winbond W78LE51 Datasheet HTML 5Page - Winbond W78LE51 Datasheet HTML 6Page - Winbond W78LE51 Datasheet HTML 7Page - Winbond W78LE51 Datasheet HTML 8Page - Winbond W78LE51 Datasheet HTML 9Page - Winbond W78LE51 Datasheet HTML 10Page - Winbond W78LE51 Datasheet HTML 11Page - Winbond W78LE51 Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
W78LE51/W78L051A
- 8 -
OSC
1/12
PRESCALER
14-BIT TIMER
CLEAR
CLRW
EXTERNAL
RESET
INTERNAL
RESET
WIDL
IDLE
ENW
Watchdog Timer Block Diagram
Typical Watch-Dog time-out period when OSC = 20 MHz
PS2 PS1 PS0
WATCHDOG TIME-OUT PERIOD
0
0
0
19.66 mS
0
1
0
39.32 mS
0
0
1
78.64 mS
0
1
1
157.28 mS
1
0
0
314.57mS
1
0
1
629.14 mS
1
1
0
1.25 S
1
1
1
2.50 S
Clock
The W78L051 is designed to be used with either a crystal oscillator or an external clock. Internally, the
clock is divided by two before it is used. This makes the W78L051 relatively insensitive to duty cycle
variations in the clock. The W78L051 incorporates a built-in crystal oscillator. To make the oscillator
work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load capacitor must
be connected from each pin to ground. An external clock source should be connected to pin XTAL1.
Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as required by the
crystal oscillator.
Power Management
Idle Mode
The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal
clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The
processor will exit idle mode when either an interrupt or a reset occurs.


Similar Part No. - W78LE51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78LE51 WINBOND-W78LE51 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE51-24 WINBOND-W78LE51-24 Datasheet
304Kb / 21P
   8-BIT MTP MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
W78LE516 WINBOND-W78LE516 Datasheet
415Kb / 37P
   8-BIT MICROCONTROLLER
W78LE516-24 WINBOND-W78LE516-24 Datasheet
287Kb / 31P
   8-BIT MICROCONTROLLER
More results

Similar Description - W78LE51

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com