Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79L549A25PN Datasheet(PDF) 9 Page - Winbond

Part # W79L549A25PN
Description  8-BIT MICROCONTROLLER
Download  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79L549A25PN Datasheet(HTML) 9 Page - Winbond

Back Button W79L549A25PN Datasheet HTML 5Page - Winbond W79L549A25PN Datasheet HTML 6Page - Winbond W79L549A25PN Datasheet HTML 7Page - Winbond W79L549A25PN Datasheet HTML 8Page - Winbond W79L549A25PN Datasheet HTML 9Page - Winbond W79L549A25PN Datasheet HTML 10Page - Winbond W79L549A25PN Datasheet HTML 11Page - Winbond W79L549A25PN Datasheet HTML 12Page - Winbond W79L549A25PN Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 81 page
background image
W79E549/W79L549
Publication Release Date: December 11, 2005
- 9 -
Revision A1
Timers
The W79E(L)549 has three 16-bit timers that are functionally similar to the timers of the 8052 family.
When used as timers, they can be set to run at either 4 clocks or 12 clocks per count, thus providing
the user with the option of operating in a mode that emulates the timing of the original 8052. The
W79E(L)549 has an additional feature, the watchdog timer. This timer is used as a System Monitor or
as a very long time period timer.
Interrupts
The Interrupt structure in the W79E(L)549 is slightly different from that of the standard 8052. Due to
the presence of additional features and peripherals, the number of interrupt sources and vectors has
been increased. The W79E(L)549 provides 7 interrupt resources with two priority level, including 2
external interrupt sources, timer interrupts, serial I/O interrupts.
Power Management
Like the standard 80C52, the W79E(L)549 also has IDLE and POWER DOWN modes of operation. In
the IDLE mode, the clock to the CPU core is stopped while the timers, serial port and interrupts clock
continue to operate. In the POWER DOWN mode, all the clock are stopped and the chip operation is
completely stopped. This is the lowest power consumption state.
On-chip Data SRAM
The W79E(L)549 has 1K Bytes of data space SRAM which is read/write accessible and is memory
mapped. This on-chip MOVX SRAM is reached by the MOVX instruction. It is not used for executable
program memory. There is no conflict or overlap among the 256 bytes Scratchpad RAM and the 1K
Bytes MOVX SRAM as they use different addressing modes and separate instructions. The on-chip
MOVX SRAM is enabled by setting the DME0 bit in the PMR register. After a reset, the DME0 bit is
cleared such that the on-chip MOVX SRAM is disabled, and all data memory spaces 0000H
− FFFFH
access to the external memory.


Similar Part No. - W79L549A25PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W79L548 WINBOND-W79L548 Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79L548A25PL WINBOND-W79L548A25PL Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
W79L548A25PN WINBOND-W79L548A25PN Datasheet
500Kb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79L549A25PN

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com