Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L518D Datasheet(PDF) 7 Page - Winbond

Part # W83L518D
Description  Integrated Media Reader
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L518D Datasheet(HTML) 7 Page - Winbond

Back Button W83L518D Datasheet HTML 3Page - Winbond W83L518D Datasheet HTML 4Page - Winbond W83L518D Datasheet HTML 5Page - Winbond W83L518D Datasheet HTML 6Page - Winbond W83L518D Datasheet HTML 7Page - Winbond W83L518D Datasheet HTML 8Page - Winbond W83L518D Datasheet HTML 9Page - Winbond W83L518D Datasheet HTML 10Page - Winbond W83L518D Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
W83L518D
Publication Release Date: May 11, 2005
- 5 -
Revision 1.0
4.2
Smart Card Interface Pins
SYMBOL
PIN
I/O
FUNCTION
SCC4
34
I/O16tp3
Smart Card interface general purpose I/O channel for
connector pin C4 on a card.
SCC8
33
I/O16tp3
Smart Card interface general purpose I/O channel for
connector pin C8 on a card.
SCLED
16
O24
This pin outputs an oscillating clock signal of various
frequencies depending on traffic of primary Smart Card
interface.
SCPWR#
17
O24
Smart Card interface power control signal.
SCPSNT
18
INts
Smart Card interface card present detection Schmitt-trigger
input.
SCCLK
19
O2
Smart Card interface clock output.
SCIO
20
I/O12t
Smart Card interface data I/O channel.
SCRST#
21
O12
Smart Card interface reset output.


Similar Part No. - W83L518D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
   Integrated Media Reader
More results

Similar Description - W83L518D

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L519D WINBOND-W83L519D Datasheet
153Kb / 22P
   Integrated Media Reader
W83L518D WINBOND-W83L518D Datasheet
222Kb / 26P
   Integrated Media Reader
logo
SMSC Corporation
USB2227_0503 SMSC-USB2227_0503 Datasheet
172Kb / 5P
   Flash Card Reader Media Power Considerations
logo
Kingston Technology Far...
FCR-HS4 KINGSTON-FCR-HS4 Datasheet
240Kb / 2P
   USB 3.0 High-Speed Media Reader
logo
NXP Semiconductors
PR533 NXP-PR533 Datasheet
615Kb / 36P
   USB NFC integrated reader solution
Rev. 3.6-27 October 2014
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
Tripp Lite. All Rights ...
U352000SDR TRIPPLITE-U352000SDR Datasheet
492Kb / 2P
   USB 3.0 SuperSpeed SDXC Memory Card Media Reader-Writer
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
   High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
MFRC500 PHILIPS-MFRC500 Datasheet
128Kb / 12P
   Highly Integrated ISO 14443A Reader IC
January 2002
logo
Tripp Lite. All Rights ...
U352000MD TRIPPLITE-U352000MD Datasheet
484Kb / 2P
   USB 3.0 SuperSpeed Multi Drive Smart Card Flash Memory Media Reader-Writer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com