Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E632A40FL Datasheet(PDF) 9 Page - Winbond

Part # W79E632A40FL
Description  8-BIT MICROCONTROLLER
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W79E632A40FL Datasheet(HTML) 9 Page - Winbond

Back Button W79E632A40FL Datasheet HTML 5Page - Winbond W79E632A40FL Datasheet HTML 6Page - Winbond W79E632A40FL Datasheet HTML 7Page - Winbond W79E632A40FL Datasheet HTML 8Page - Winbond W79E632A40FL Datasheet HTML 9Page - Winbond W79E632A40FL Datasheet HTML 10Page - Winbond W79E632A40FL Datasheet HTML 11Page - Winbond W79E632A40FL Datasheet HTML 12Page - Winbond W79E632A40FL Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
W79E632A/W79L632A
Publication Release Date: February 1, 2007
- 9 -
Revision A6
Table 1. Special Function Register Location Table
F8
EIP
F0
B
E8
EIE
E0
ACC
D8
WDCON
PWMP
PWM0
PWM1
PWMCON1 PWM2
PWM3
D0
PSW
C8
T2CON
T2MOD
RCAP2L
RCAP2H
TL2
TH2
PWMCON2 PWM4
C0
PWM5
PMR
STATUS
TA
B8
IP
SADEN
B0
P3
A8
IE
SADDR
ROMCON
SFRAL
SFRAH
SFDFD
SFRCN
A0
P2
XRAMAH
P4CSIN
P4
98
SCON0
SBUF
P42AL
P42AH
P43AL
P43AH
CHPCON
90
P1
P4CONA
P4CONB
P40AL
P40AH
P41AL
P41AH
88
TCON
TMOD
TL0
TL1
TH0
TH1
CKCON
80
P0
SP
DPL
DPH
PCON
Note: The SFRs in the column with dark borders are bit-addressable.
A brief description of the SFRs is shown follows.
Port 0
Bit:
7
6
5
4
3
2
1
0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
Mnemonic: P0
Address: 80h
Port 0 is an open-drain bi-directional I/O port. This port also provides a multiplexed low order
address/data bus during accesses to external memory. Besides, it has internal pull-up resisters
enabled by setting P0UP of P4CSIN (A2H) to high.
Stack Pointer
Bit:
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
Mnemonic: SP
Address: 81h
The Stack Pointer stores the Scratchpad RAM address where the stack begins. In other words, it
always points to the top of the stack.


Similar Part No. - W79E632A40FL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E632A40FL NUVOTON-W79E632A40FL Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E632A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com