Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L786NG Datasheet(PDF) 6 Page - Winbond

Part # W83L786NG
Description  H/W Monitoring IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L786NG Datasheet(HTML) 6 Page - Winbond

Back Button W83L786NG Datasheet HTML 2Page - Winbond W83L786NG Datasheet HTML 3Page - Winbond W83L786NG Datasheet HTML 4Page - Winbond W83L786NG Datasheet HTML 5Page - Winbond W83L786NG Datasheet HTML 6Page - Winbond W83L786NG Datasheet HTML 7Page - Winbond W83L786NG Datasheet HTML 8Page - Winbond W83L786NG Datasheet HTML 9Page - Winbond W83L786NG Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
W83L786NR/ W83L786NG
Publication Release Date: March 31, 2006
- 1 -
Revision 0.9
1. GENERAL DESCRIPTION
W83L786NR/NG is an evolving product of W83L785R -- Winbond's most popular hardware monitoring
IC, and intelligent fan controlling IC. Specifically designed for the graphic cards and barebone /mini
systems, W83L786NR/NG can be used to monitor several critical hardware parameters of the system,
including voltages, fan speeds, and temperatures, which are very important for the system to work
stably and properly.
W83L786NR/NG can monitor up to 3 analog voltage inputs, 2 fan tachometer inputs, and 2 remote
temperature sensors. One of the temperature inputs is connected to CPU/GPU thermal diode sensor,
and the other remote temperature sensor could be performed by either thermal diode or thermistor.
Power-on fan_set configuration offers the function to choose one of the four duty cycles, 100%, 81%,
62%, 43%, as initial fan speed. 2 sets of PWM (Pulse Width Modulation) / DC (Direct Current) fan
output for SMART FAN
TM control – “Thermal CruiseTM” mode and “SMART FANTM II “mode. Under
“Thermal Cruise
TM “mode, temperatures of GPU and the system can be maintained within specific
programmable ranges under the hardware control. Under “SMART FAN
TM II” mode, the fan could be
operated at the lowest possible speed for minimum acoustic noise, and the dynamic intelligent fan
management could create the most quiet system environment and stable working performance. An 8-
bit analog-to-digital converter (ADC) is built inside W83L786NR/NG. As for warning mechanism,
W83L786NR/NG provides four pure hardware event pins for independent warning signals:
VOLTAGE_FAULT#, FAN_FAULT#, TEMP_FAULT#, and INT#. All threshold values could be set for
system protection without any timing delay. One bit power-on address selection is used to decide the
address of the W83L786NR/NG over I
2C serial bus interface. W83L786NR/NG also provides up to 7
optional multifunctional GPIO. W83L786NR/NG is powered by 3.3V.
Through the application software or BIOS, the users can read all the monitored parameters of system
from time to time. A pop-up warning can also be activated when the monitored item is out of the
proper / preset range. The application software could be Winbond's Hardware Doctor
TM, IntelTM LDCM
(LanDesk Client Management), or other management application software. Also the users can set up
the upper and lower limits (alarm thresholds) of these monitored parameters and activate one
programmable interrupts. For the spacing saving consideration of the Graphic cards and Notebook
system, W83L786NR/NG is 20-pin SSOP package.


Similar Part No. - W83L786NG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L786NG NUVOTON-W83L786NG Datasheet
685Kb / 50P
   H/W Monitoring IC
More results

Similar Description - W83L786NG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com