Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83L786NG Datasheet(PDF) 8 Page - Winbond

Part # W83L786NG
Description  H/W Monitoring IC
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83L786NG Datasheet(HTML) 8 Page - Winbond

Back Button W83L786NG Datasheet HTML 4Page - Winbond W83L786NG Datasheet HTML 5Page - Winbond W83L786NG Datasheet HTML 6Page - Winbond W83L786NG Datasheet HTML 7Page - Winbond W83L786NG Datasheet HTML 8Page - Winbond W83L786NG Datasheet HTML 9Page - Winbond W83L786NG Datasheet HTML 10Page - Winbond W83L786NG Datasheet HTML 11Page - Winbond W83L786NG Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
W83L786NR/ W83L786NG
Publication Release Date: March 31, 2006
- 3 -
Revision 0.9
3. KEY SPECIFICATIONS
Voltage monitoring accuracy
±3% (typ.)
Monitoring temperature range and accuracy
0
°C to +160°C; ± 3°C (max.)
Supply voltage
3.3V
±10%
Operating supply current
2 mA (typ.)
Power down supply current
10 uA (typ.)
ADC resolution
8 Bits
4. BLOCK DIAGRAM
CO NT RO L L O G IC &
R EG I ST ER
G P U DI O DE
SEN S O R
TH E R M A L
SEN SO R
I2 C
FA N
CO NT RO L
GP I O
GP U
PO W ER
PW M
Re m o t e
T h er m is t or
D +
D -
A DDR
SC L
SD A
F AN _ SET
( I N IO U T _ G P O )
F A NIN1
F A NIN2
FA N O U T1
F A NO UT 2
Vc o r e
FA N 1
VR EF
VT IN 1
F ault D etec tor
IN T #
FA N _ FA U L T#
VO L T AG E_ F AU L T #
VO L T AG E
SEN SO R
V c o r e_S E N
V
RA M _ SEN
FA N 2
GP IO
GN D
V
CC
DDR RA M O R
O T HE R DE V I CE
TE M P _ FA U L T#


Similar Part No. - W83L786NG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W83L786NG NUVOTON-W83L786NG Datasheet
685Kb / 50P
   H/W Monitoring IC
More results

Similar Description - W83L786NG

ManufacturerPart #DatasheetDescription
logo
Winbond
W83L785TS-S WINBOND-W83L785TS-S Datasheet
326Kb / 20P
   H/W Monitoring IC
W83781G WINBOND-W83781G Datasheet
790Kb / 54P
   H/W MONITORING IC
W83L786R WINBOND-W83L786R Datasheet
691Kb / 57P
   H/W Monitoring IC
W83L761G WINBOND-W83L761G Datasheet
317Kb / 16P
   H/W MONITORING IC
W83782D WINBOND-W83782D_05 Datasheet
850Kb / 62P
   H/W MONITORING IC
W83L771W WINBOND-W83L771W Datasheet
614Kb / 25P
   H/W Monitoring IC
W83772G WINBOND-W83772G Datasheet
257Kb / 16P
   H/W Monitoring IC
logo
Nuvoton Technology Corp...
W83772G NUVOTON-W83772G Datasheet
377Kb / 18P
   H/W Monitoring IC
W83L786R NUVOTON-W83L786R Datasheet
827Kb / 57P
   H/W Monitoring IC
W83775G NUVOTON-W83775G Datasheet
875Kb / 31P
   H/W Monitoring IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com