Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W925E625FG Datasheet(PDF) 9 Page - Winbond

Part # W925E625FG
Description  8-bit CID MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W925E625FG Datasheet(HTML) 9 Page - Winbond

Back Button W925E625FG Datasheet HTML 5Page - Winbond W925E625FG Datasheet HTML 6Page - Winbond W925E625FG Datasheet HTML 7Page - Winbond W925E625FG Datasheet HTML 8Page - Winbond W925E625FG Datasheet HTML 9Page - Winbond W925E625FG Datasheet HTML 10Page - Winbond W925E625FG Datasheet HTML 11Page - Winbond W925E625FG Datasheet HTML 12Page - Winbond W925E625FG Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 75 page
background image
W925E/C625
Publication Release Date: July 4, 2005
- 9 -
Revision A10
Interrupts:
The W925E/C625 provides 11 interrupt resources with two priority level, including 4 external interrupt
sources, 2 timer interrupts, 1 CID interrupt, 1 divider interrupt, 1 serial port interrupt, 1 comparator
interrupt and 1 watchdog timer interrupt.
Power Management:
The W925E/C625 has IDLE and POWER DOWN modes of operation. In the IDLE mode, the clock to
the CPU core is stopped however the functions of the timers, divider, CID and interrupts are active
continuously. In the POWER DOWN mode, both of the system clock stop oscillating and the chip
operation is completely stopped. POWER DOWN mode is the state of the lowest power consumption.
6.1 Memory Organization
The W925E/C625 separates the memory into two separate sections, the Program Memory and the
Data Memory. The Program Memory is used to store the instruction op-codes and look-up table data,
while the Data Memory is used to store data or for memory mapped devices.
Program Memory:
The Program Memory on the W925E/C625 can be up to 64K bytes. The total 64K bytes
EEPROM/MASK ROM are used to store the op-codes and the whole 64K can be used to store look-
up table data.
64K bytes
EEPROM /
MASK ROM
0FFFF
00000
Figure 6-1 Program Memory Map
Data Memory:
The W925E/C625 contains on-chip 4K + 224 bytes MOVX RAM of Data Memory, which can only be
accessed by MOVX instructions from the address 0000H to 0FFFH and from 2000H to 20FEH. In
addition, the W925E/C625 has 256 bytes of on-chip scratchpad RAM. This can be accessed either by
direct addressing or by indirect addressing. There are also Special Function Registers (SFRs), which
can only be accessed by direct addressing. Since the scratchpad RAM is only 256 bytes, it can be
used only when data contents are small. In the event that larger data contents are present, the only
one selection is on-chip MOVX RAM. The on-chip MOVX RAM can only be accessed by a MOVX
instruction. However, the on-chip RAM has the fastest access times. The memory map is shown
Figure 6-2 and Figure 6-3 shows the scratchpad RAM/Register addressing.


Similar Part No. - W925E625FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925E240FG WINBOND-W925E240FG Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
W925EP01FG WINBOND-W925EP01FG Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
More results

Similar Description - W925E625FG

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com