Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W925G625 Datasheet(PDF) 4 Page - Winbond

Part # W925G625
Description  8-bit CID MICROCONTROLLER
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W925G625 Datasheet(HTML) 4 Page - Winbond

  W925G625 Datasheet HTML 1Page - Winbond W925G625 Datasheet HTML 2Page - Winbond W925G625 Datasheet HTML 3Page - Winbond W925G625 Datasheet HTML 4Page - Winbond W925G625 Datasheet HTML 5Page - Winbond W925G625 Datasheet HTML 6Page - Winbond W925G625 Datasheet HTML 7Page - Winbond W925G625 Datasheet HTML 8Page - Winbond W925G625 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 75 page
background image
W925E/C625
- 4 -
3. PIN CONFIGURATION
Figure 3-1 shows the pin assignment. The package type is 160pin QFP.
VSS
109
VDD
110
P10
93
P11
94
P12
95
P13
96
P14
97
P15
98
P16
99
P17
100
P20
101
P21
102
P22
103
P23
104
P24
105
P25
106
P26
107
P27
108
BUZ
111
P30
112
P31
113
P32
114
P33
115
P34
116
P35
117
P36
118
P37
119
P40
120
P07
85
P06
84
P05
83
P04
82
P03
81
XOUT1
86
XIN1
87
VDD
88
XIN2
89
XOUT2
90
EA/DATA
91
DTMF/FSK
92
SEG47
40
SEG46
39
SEG45
38
SEG44
37
SEG43
36
SEG42
35
SEG41
34
SEG40
33
SEG39
32
SEG38
31
SEG37
30
SEG36
29
SEG35
28
SEG34
27
SEG33
26
SEG32
25
SEG31
24
SEG30
23
SEG29
22
SEG28
21
SEG27
20
SEG26
19
SEG25
18
SEG24
17
SEG23
16
SEG22
15
SEG21
14
SEG20
13
SEG19
12
SEG18
11
SEG17
10
SEG16
9
SEG15
8
SEG14
7
SEG13
6
SEG12
5
SEG11
4
SEG10
3
SEG9
2
SEG8
1
W925E/C625
U?
Figure 3-1 W925E/C625 Pin Configuration


Similar Part No. - W925G625

ManufacturerPart #DatasheetDescription
logo
Winbond
W925G240 WINBOND-W925G240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
More results

Similar Description - W925G625

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E240 WINBOND-W925E240 Datasheet
522Kb / 73P
   8-BIT CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com