Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W925G240 Datasheet(PDF) 9 Page - Winbond

Part # W925G240
Description  8-BIT CID MICROCONTROLLER
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W925G240 Datasheet(HTML) 9 Page - Winbond

Back Button W925G240 Datasheet HTML 5Page - Winbond W925G240 Datasheet HTML 6Page - Winbond W925G240 Datasheet HTML 7Page - Winbond W925G240 Datasheet HTML 8Page - Winbond W925G240 Datasheet HTML 9Page - Winbond W925G240 Datasheet HTML 10Page - Winbond W925G240 Datasheet HTML 11Page - Winbond W925G240 Datasheet HTML 12Page - Winbond W925G240 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
W925E/C240
Publication Release Date: July 12, 2005
- 9 -
Revision A10
Power Management
The W925E/C240 has IDLE and POWER DOWN modes of operation. In the IDLE mode, the clock to
the CPU core is stopped however the functions of the timers, divider, CID and interrupts are active
continuously. In the POWER DOWN mode, both of the system clock stop oscillating and the chip
operation is completely stopped. POWER DOWN mode is the state of the lowest power consumption.
6.1 Memory Organization
The W925E/C240 separates the memory into two separate sections, the Program Memory and the
Data Memory. The Program Memory is used to store the instruction op-codes and look-up table data,
while the Data Memory is used to store data or for memory mapped devices.
Program Memory
The Program Memory on the W925E/C240 can be up to 256K bytes that are divided into 4 pages,
each page has the size of 64K bytes. The upper 128K bytes are used to store the op-codes and the
whole 256K can be used to store look-up table data. Because the op-code is 64K addressable, a PG
bit in PAGE register decides which ROM page between page0, page1 is enabled, and the ALU fetches
the op-code from the selected ROM page. If PG=0, ALU fetches the op-code from page0. If PG=1,
ALU fetches the op-code from page1. When MOVC instruction is executed, ALU fetches the look-up
table data according the indication of LT1 and LT0 bits. The value of LT1 and LT0 indicates which
ROM page is active for look-up table instruction.
64K
Page0
64K
Page3
64K
Page2
64K
Page1
3FFFF
0FFFF
1FFFF
2FFFF
30000
00000
10000
20000
PG=0
PG=1
LT1,0
=00
LT1,0
=01
LT1,0
=10
LT1,0
=11
Figure 6-1 Program Memory Map


Similar Part No. - W925G240

ManufacturerPart #DatasheetDescription
logo
Winbond
W925G625 WINBOND-W925G625 Datasheet
619Kb / 75P
   8-bit CID MICROCONTROLLER
More results

Similar Description - W925G240

ManufacturerPart #DatasheetDescription
logo
Winbond
W925E625 WINBOND-W925E625 Datasheet
619Kb / 75P
   8-bit CID MICROCONTROLLER
W925EP01 WINBOND-W925EP01 Datasheet
748Kb / 108P
   8-BIT CID MICROCONTROLLER
logo
Holtek Semiconductor In...
HT95R54 HOLTEK-HT95R54 Datasheet
541Kb / 80P
   CID Phone 8-Bit MCU
HT95CXXX HOLTEK-HT95CXXX Datasheet
416Kb / 51P
   CID Type Phone 8-Bit MCU
HT95C200 HOLTEK-HT95C200 Datasheet
324Kb / 50P
   8-Bit CID Type Phone Controller MCU
HT95R64 HOLTEK-HT95R64 Datasheet
546Kb / 82P
   CID Phone 8-Bit MCU with CPT
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com