Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6810IWG Datasheet(PDF) 2 Page - Winbond

Part # W6810IWG
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6810IWG Datasheet(HTML) 2 Page - Winbond

  W6810IWG Datasheet HTML 1Page - Winbond W6810IWG Datasheet HTML 2Page - Winbond W6810IWG Datasheet HTML 3Page - Winbond W6810IWG Datasheet HTML 4Page - Winbond W6810IWG Datasheet HTML 5Page - Winbond W6810IWG Datasheet HTML 6Page - Winbond W6810IWG Datasheet HTML 7Page - Winbond W6810IWG Datasheet HTML 8Page - Winbond W6810IWG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
W6810
- 2 -
1. GENERAL DESCRIPTION
The W6810 is a general-purpose single channel PCM CODEC with pin-selectable
μ-Law or A-Law
companding. The device is compliant with the ITU G.712 specification. It operates off of a single +5V
power supply and is available in 20-pin PDIP, SOG, SSOP, and TSSOP package options. Functions
performed include digitization and reconstruction of voice signals, and band limiting and smoothing
filters required for PCM systems. The filters are compliant with ITU G.712 specification. W6810
performance is specified over the industrial temperature range of –40
°C to +85°C.
The W6810 includes an on-chip precision voltage reference and an additional power amplifier,
capable of driving 300
Ω loads differentially up to a level of 6.3V peak-to-peak. The analog section is
fully differential, reducing noise and improving the power supply rejection ratio. The data transfer
protocol supports both long-frame and short-frame synchronous communications for PCM
applications, and IDL and GCI communications for ISDN applications. W6810 accepts seven master
clock rates between 256 kHz and 4.096 MHz, and an on-chip pre-scaler automatically determines the
division ratio for the required internal clock.
For fast evaluation and prototyping purposes, the W6810DK development kit is available.
2. FEATURES
Single +5V power supply
Typical power dissipation of 25 mW,
power-down mode of 0.5
μW
Fully-differential analog circuit design
On-chip precision reference of 1.575 V for
a 0 dBm TLP at 600
Ω (775mV
RMS)
Push-pull power amplifiers with external
gain adjustment with 300
Ω load capability
Seven master clock rates of 256 kHz to
4.096 MHz
Pin-selectable
μ-Law
and
A-Law
companding (compliant with ITU G.711)
CODEC A/D and D/A filtering compliant
with ITU G.712
Industrial temperature range (–40
°C to
+85
°C)
Four packages: 20-pin PDIP, SOG, SSOP,
and TSSOP
Pb-Free / RoHS package options available
ApplIcations
Digital Telephone Systems
Central
Office
Equipment
(Gateways,
Switches, Routers)
PBX Systems (Gateways, Switches)
PABX/SOHO Systems
Local Loop card
SOHO Routers
VoIP Terminals
Enterprise Phones
ISDN Terminals
Analog line cards
Digital Voice Recorders


Similar Part No. - W6810IWG

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W6810IWG NUVOTON-W6810IWG Datasheet
902Kb / 35P
   W6810 SINGLE CHANNEL VOICECODEC
More results

Similar Description - W6810IWG

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com