Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W6811 Datasheet(PDF) 5 Page - Winbond

Part # W6811
Description  SINGLE-CHANNEL VOICEBAND CODEC
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W6811 Datasheet(HTML) 5 Page - Winbond

  W6811 Datasheet HTML 1Page - Winbond W6811 Datasheet HTML 2Page - Winbond W6811 Datasheet HTML 3Page - Winbond W6811 Datasheet HTML 4Page - Winbond W6811 Datasheet HTML 5Page - Winbond W6811 Datasheet HTML 6Page - Winbond W6811 Datasheet HTML 7Page - Winbond W6811 Datasheet HTML 8Page - Winbond W6811 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
W6811
Publication Release Date: September, 2005
- 5 -
Revision A12
5. PIN CONFIGURATION
PDIP/SOP/SSOP/TSSOP
V
AG
AI+
AI-
AO
μ/A-Law
V
SSA
FST
PCMT
BCLKT
MCLK
V
SSD
NC
V
REF
RO-
PAI
PAO -
PAO+
V
DDA
FSR
PCMI
BCLKR
PUI
V
DDD
NC
V
AG
AI+
AI-
AO
V
SSA
MCLK
V
SSD
NC
V
REF
RO-
PAI
PAO -
PAO+
V
DDA
FSR
PCMR
BCLKR
PUI
V
DDD
NC
V
AG
24
AI+ 23
AI-
22
AO 21
μ
/A 20
V
SSA
19
FSX 16
PCMO 15
BCLKT 14
MCLK 13
1 V
REF
2 RO-
3 PAI
4 PAO -
5 PAO+
6 V
DDA
9 FSR
10 PCMI
11 BCLKR
12 PUI
V
SSD
17
8 V
DDD
NC 18
7 NC
24
23
22
21
20
19
16
15
14
13
1
2
3
4
5
6
9
10
11
12
17
8
18
7


Similar Part No. - W6811

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6811 NUVOTON-W6811 Datasheet
872Kb / 33P
   W6811 SINGLE CHANNEL VOICECODEC
logo
Winbond
W6811IE WINBOND-W6811IE Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811IR WINBOND-W6811IR Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W6811IRG NUVOTON-W6811IRG Datasheet
872Kb / 33P
   W6811 SINGLE CHANNEL VOICECODEC
More results

Similar Description - W6811

ManufacturerPart #DatasheetDescription
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Winbond
W6810 WINBOND-W6810_06 Datasheet
328Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681310 WINBOND-W681310_07 Datasheet
324Kb / 38P
   3V SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com