Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSB014N04LX3G Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSB014N04LX3G
Description  OptiMOS3 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB014N04LX3G Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button BSB014N04LX3G Datasheet HTML 2Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 3Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 4Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 5Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 6Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 7Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 8Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 9Page - Infineon Technologies AG BSB014N04LX3G Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
BSB014N04LX3 G
9 Drain-source on-state resistance
10 Typ. gate threshold voltage
R DS(on)=f(T j); I D=30 A; V GS=10 V
V GS(th)=f(T j); V GS=V DS; I D=250 µA
11 Typ. capacitances
12 Forward characteristics of reverse diode
C =f(V DS); V GS=0 V; f =1 MHz
I F=f(V SD)
parameter: T j
typ
98 %
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-60
-20
20
60
100
140
180
T j [°C]
0
0.5
1
1.5
2
2.5
-60
-20
20
60
100
140
180
T j [°C]
Ciss
Coss
Crss
10
5
10
4
10
3
10
2
10
1
0
5
10
15
20
25
30
V DS [V]
25 °C
150 °C
25 °C, 98%
150 °C, 98%
1
10
100
1000
0.0
0.5
1.0
1.5
2.0
V SD [V]
Rev. 2.0
page 6
2009-05-11


Similar Part No. - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSB014N04LX3G INFINEON-BSB014N04LX3G Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
BSB014N04LX3G INFINEON-BSB014N04LX3G_11 Datasheet
1Mb / 13P
   n-Channel Power MOSFET
2.3, 2011-05-24
More results

Similar Description - BSB014N04LX3G

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSF050N03LQ3G INFINEON-BSF050N03LQ3G Datasheet
294Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSB015N04NX3G INFINEON-BSB015N04NX3G Datasheet
289Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
BSF024N03LT3G INFINEON-BSF024N03LT3G Datasheet
297Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-06-16
BSB017N03LX3G INFINEON-BSB017N03LX3G Datasheet
290Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.0 2009-05-11
IPD068N10N3G INFINEON-IPD068N10N3G Datasheet
298Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-21
IPD170N04NG INFINEON-IPD170N04NG Datasheet
196Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 1.0 2007-12-11
IPP030N10N3G INFINEON-IPP030N10N3G Datasheet
316Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.1 2008-10-02
IPP114N03LG INFINEON-IPP114N03LG Datasheet
303Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.02 2007-08-29
BSC018N04LSG INFINEON-BSC018N04LSG Datasheet
373Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.4 2009-10-22
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com