Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSB019N03LXG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. BSB019N03LXG
Description  OptiMOS2 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB019N03LXG Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSB019N03LXG Datasheet HTML 1Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 2Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 3Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 4Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 5Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 6Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 7Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 8Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
BSB019N03LX G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
6300
8400
pF
Output capacitance
C oss
-
2200
2900
Reverse transfer capacitance
Crss
-
280
-
Turn-on delay time
t d(on)
-10-
ns
Rise time
t r
-
7.8
-
Turn-off delay time
t d(off)
-42-
Fall time
t f
-
6.4
-
Gate Charge Characteristics
5)
Gate to source charge
Q gs
-18-
nC
Gate charge at threshold
Q g(th)
-10-
Gate to drain charge
Q gd
-12-
Switching charge
Q sw
-19-
Gate charge total
Q g
-44
59
Gate plateau voltage
V plateau
-
2.8
-
V
Gate charge total
Q g
V DD=15 V, I D=30 A,
V GS=0 to 10 V
-92-
Gate charge total, sync. FET
Q g(sync)
V DS=0.1 V,
V GS=0 to 4.5 V
-38-
nC
Output charge
Q oss
V DD=15 V, V GS=0 V
-50-
Reverse Diode
Diode continuous forward current
I S
-
-
89
A
Diode pulse current
I S,pulse
-
-
400
Diode forward voltage
V SD
V GS=0 V, I F=30 A,
T j=25 °C
-
0.78
1
V
Reverse recovery charge
Q rr
V R=15 V, I F=I S,
di F/dt =400 A/µs
-
-
50
nC
5) See figure 16 for gate charge parameter definition
4) See figure 13 for more detailed information
T C=25 °C
Values
V GS=0 V, V DS=15 V,
f =1 MHz
V DD=15 V, V GS=10 V,
I D=30 A, R G=1.6 Ω
V DD=15 V, I D=30 A,
V GS=0 to 4.5 V
Rev. 2.0
page 3
2009-05-11


Similar Part No. - BSB019N03LXG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB012NE2LX INFINEON-BSB012NE2LX Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V 2.0, 2011-03-18 Final
BSB012NE2LXI INFINEON-BSB012NE2LXI Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-09-09
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18 Final
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
More results

Similar Description - BSB019N03LXG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB024N03LXG INFINEON-BSB024N03LXG Datasheet
290Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB053N03LPG INFINEON-BSB053N03LPG Datasheet
288Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSF083N03LQG INFINEON-BSF083N03LQG Datasheet
294Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz