Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSB019N03LXG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BSB019N03LXG
Description  OptiMOS2 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB019N03LXG Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSB019N03LXG Datasheet HTML 1Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 2Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 3Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 4Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 5Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 6Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 7Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 8Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BSB019N03LX G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
1
2
3
4
5
6
0
1020
3040
50
I D [A]
25 °C
150 °C
0
80
160
240
320
400
012
345
V GS [V]
0
50
100
150
200
250
300
0
40
80
120
160
I D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
50
100
150
200
250
300
01
23
V DS [V]
Rev. 2.0
page 5
2009-05-11


Similar Part No. - BSB019N03LXG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB012NE2LX INFINEON-BSB012NE2LX Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V 2.0, 2011-03-18 Final
BSB012NE2LXI INFINEON-BSB012NE2LXI Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-09-09
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18 Final
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
More results

Similar Description - BSB019N03LXG

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB024N03LXG INFINEON-BSB024N03LXG Datasheet
290Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB053N03LPG INFINEON-BSB053N03LPG Datasheet
288Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSF083N03LQG INFINEON-BSF083N03LQG Datasheet
294Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz