Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSB019N03LXG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSB019N03LXG
Description  OptiMOS2 Power-MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSB019N03LXG Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSB019N03LXG Datasheet HTML 1Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 2Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 3Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 4Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 5Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 6Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 7Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 8Page - Infineon Technologies AG BSB019N03LXG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
BSB019N03LX G
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Power dissipation
P tot
T C=25 °C
89
W
T A=25 °C,
R thJA=45 K/W
2)
2.8
Operating and storage temperature
T j, T stg
-40 ... 150
°C
IEC climatic category; DIN IEC 68-1
55/150/56
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance, junction - case
R thJC
bottom
-
1.0
K/W
top
-
-
1.4
Device on PCB
R thJA
6 cm
2 cooling area2)
--
45
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V (BR)DSS V GS=0 V, I D=1 mA
30
-
-
V
Gate threshold voltage
V GS(th)
V DS=V GS, I D=250 µA
1
-
2.2
Zero gate voltage drain current
I DSS
V DS=30 V, V GS=0 V,
T j=25 °C
-
0.1
1
µA
V DS=30 V, V GS=0 V,
T j=125 °C
-
10
100
Gate-source leakage current
I GSS
V GS=20 V, V DS=0 V
-
10
100
nA
Drain-source on-state resistance
R DS(on)
V GS=4.5 V, I D=25 A
-
2.5
3.1
m
V GS=10 V, I D=30 A
-
1.6
1.9
Gate resistance
R G
-
1.0
-
Transconductance
g fs
|V DS|>2|I D|R DS(on)max,
I D=30 A
60
120
-
S
3) See figure 3 for more detailed information
Value
Values
2) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical in still air.
Rev. 2.0
page 2
2009-05-11


Similar Part No. - BSB019N03LXG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSB012N03LX3G INFINEON-BSB012N03LX3G Datasheet
292Kb / 11P
   OptiMOS3 Power-MOSFET
Rev. 2.1 2009-11-17
BSB012NE2LX INFINEON-BSB012NE2LX Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V 2.0, 2011-03-18 Final
BSB012NE2LXI INFINEON-BSB012NE2LXI Datasheet
1Mb / 14P
   Metal Oxide Semiconductor Field Effect Transistor
Rev.2.1,2015-09-09
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
1Mb / 13P
   n-Channel Power MOSFET
V2.0, 2011-03-18 Final
BSB013NE2LXI INFINEON-BSB013NE2LXI Datasheet
609Kb / 11P
   OptiMOSTM Power-MOSFET
Rev. 2.4 2013-02-12
More results

Similar Description - BSB019N03LXG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSF053N03LTG INFINEON-BSF053N03LTG Datasheet
297Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB053N03LPG INFINEON-BSB053N03LPG Datasheet
288Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSF083N03LQG INFINEON-BSF083N03LQG Datasheet
294Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSB024N03LXG INFINEON-BSB024N03LXG Datasheet
290Kb / 11P
   OptiMOS2 Power-MOSFET
Rev. 2.0 2009-05-11
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com