Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS4149 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS4149
Description  14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4149 Datasheet(HTML) 5 Page - Texas Instruments

  ADS4149 Datasheet HTML 1Page - Texas Instruments ADS4149 Datasheet HTML 2Page - Texas Instruments ADS4149 Datasheet HTML 3Page - Texas Instruments ADS4149 Datasheet HTML 4Page - Texas Instruments ADS4149 Datasheet HTML 5Page - Texas Instruments ADS4149 Datasheet HTML 6Page - Texas Instruments ADS4149 Datasheet HTML 7Page - Texas Instruments ADS4149 Datasheet HTML 8Page - Texas Instruments ADS4149 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
ADS4126
, ADS4129
ADS4146
, ADS4149
www.ti.com
SBAS483F – NOVEMBER 2009 – REVISED OCTOBER 2010
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply voltage range, AVDD
–0.3 to 2.1
V
Supply voltage range, DRVDD
–0.3 to 2.1
V
Voltage between AGND and DRGND
–0.3 to 0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
0 to 2.1
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
0 to 2.1
V
INP, INM
–0.3 to minimum (1.9, AVDD + 0.3)
V
Voltage applied to input pins
CLKP, CLKM(2), DFS, OE
–0.3 to AVDD + 0.3
V
RESET, SCLK, SDATA, SEN
–0.3 to 3.9
V
Operating free-air temperature range, TA
–40 to +85
°C
Operating junction temperature range, TJ
+125
°C
Storage temperature range, Tstg
–65 to +150
°C
ESD, human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3V|.
This prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS4126,
ADS4129,
ADS4146,
THERMAL METRIC(1)
UNITS
ADS4149
RGZ
48 PINS
qJA
Junction-to-ambient thermal resistance
29
qJCtop
Junction-to-case (top) thermal resistance
qJB
Junction-to-board thermal resistance
10
°C/W
yJT
Junction-to-top characterization parameter
0.3
yJB
Junction-to-board characterization parameter
9
qJCbot
Junction-to-case (bottom) thermal resistance
1.13
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS4126 ADS4129 ADS4146 ADS4149


Similar Part No. - ADS4149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4149 TI-ADS4149 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149 TI-ADS4149 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149 TI-ADS4149 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4149 TI1-ADS4149 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4149IRGZ25 TI-ADS4149IRGZ25 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4149

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4126_101 TI-ADS4126_101 Datasheet
1Mb / 79P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126_1004 TI-ADS4126_1004 Datasheet
1Mb / 77P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI-ADS4126 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS4126 TI1-ADS4126_14 Datasheet
2Mb / 83P
[Old version datasheet]   12-/14-Bit, 160/250MSPS, Ultralow-Power ADC
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
ADS4222 TI1-ADS4222 Datasheet
3Mb / 104P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_14 Datasheet
4Mb / 105P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com