Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216RUKR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51216RUKR
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216RUKR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS51216RUKR Datasheet HTML 2Page - Texas Instruments TPS51216RUKR Datasheet HTML 3Page - Texas Instruments TPS51216RUKR Datasheet HTML 4Page - Texas Instruments TPS51216RUKR Datasheet HTML 5Page - Texas Instruments TPS51216RUKR Datasheet HTML 6Page - Texas Instruments TPS51216RUKR Datasheet HTML 7Page - Texas Instruments TPS51216RUKR Datasheet HTML 8Page - Texas Instruments TPS51216RUKR Datasheet HTML 9Page - Texas Instruments TPS51216RUKR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS51216
SLUSAB9 – NOVEMBER 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range, VV5IN=5V, VLDOIN is connected to VDDQ output, VMODE=0V, VS3=VS5=5V (unless
otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
PROTECTIONS
ITRIP
TRIP source current
TA = 25°C, VTRIP = 0.4 V
9
10
11
mA
TRIP source current temperature
TCITRIP
4700
ppm/°C
coefficient(2)
VTRIP
VTRIP voltage range
0.2
3
V
VTRIP = 3.0 V
360
375
390
VOCL
Current limit threshold
VTRIP = 1.6 V
190
200
210
mV
VTRIP = 0.2 V
20
25
30
VTRIP = 3.0 V
–390
–375
–360
VOCLN
Negative current limit threshold
VTRIP = 1.6 V
–210
–200
–190
mV
VTRIP = 0.2 V
–30
–25
–20
VZC
Zero cross detection offset
0
mV
Wake-up
4.2
4.4
4.5
VUVLO
V5IN UVLO threshold voltage
V
Shutdown
3.7
3.9
4.1
VOVP
VDDQ OVP threshold voltage
OVP detect voltage
118%
120%
122%
tOVPDLY
VDDQ OVP propagation delay
With 100 mV over drive
430
ns
VUVP
VDDQ UVP threshold voltage
UVP detect voltage
66%
68%
70%
tUVPDLY
VDDQ UVP delay
1
ms
tUVPENDLY
VDDQ UVP enable delay
1.2
ms
VOOB
OOB Threshold voltage
108%
THERMAL SHUTDOWN
Shutdown temperature(2)
140
TSDN
Thermal shutdown threshold
°C
Hysteresis(2)
10
(2)
Ensured by design. Not production tested.
6
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :TPS51216


Similar Part No. - TPS51216RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216RUKR TI1-TPS51216RUKR Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results

Similar Description - TPS51216RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com