Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51216RUKT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51216RUKT
Description  Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51216RUKT Datasheet(HTML) 1 Page - Texas Instruments

  TPS51216RUKT Datasheet HTML 1Page - Texas Instruments TPS51216RUKT Datasheet HTML 2Page - Texas Instruments TPS51216RUKT Datasheet HTML 3Page - Texas Instruments TPS51216RUKT Datasheet HTML 4Page - Texas Instruments TPS51216RUKT Datasheet HTML 5Page - Texas Instruments TPS51216RUKT Datasheet HTML 6Page - Texas Instruments TPS51216RUKT Datasheet HTML 7Page - Texas Instruments TPS51216RUKT Datasheet HTML 8Page - Texas Instruments TPS51216RUKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
12
17
16
6
15
14
13
11
V5IN
TPS51216
S3
S5
VREF
VBST
DRVH
SW
DRVL
8
10
REFIN
PGND
7
19
GND
MODE
18 TRIP
20
9
2
3
PGOOD
VDDQSNS
VLDOIN
VTT
1
4
5
VTTSNS
VTTGND
VTTREF
UDG-10138
VDDQ
VTT
PGND
S3
S5
PGND
5VIN
PGND
VIN
VTTREF
AGND
AGND
Powergood
TPS51216
www.ti.com
SLUSAB9 – NOVEMBER 2010
Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
Controller, 2-A LDO, Buffered Reference
Check for Samples: TPS51216
1
FEATURES
DESCRIPTION
2
Synchronous Buck Controller (VDDQ)
The TPS51216 provides a complete power supply for
DDR2, DDR3 and DDR3L memory systems in the
Conversion Voltage Range: 3 V to 28 V
lowest total cost and minimum space. It integrates a
Output Voltage Range: 0.7 V to 1.8 V
synchronous buck regulator controller (VDDQ) with a
0.8% VREF Accuracy
2-A sink/source tracking LDO (VTT) and buffered low
D-CAP™ Mode for Fast Transient Response
noise reference (VTTREF). The TPS51216 employs
D-CAP™ mode coupled with 300 kHz/400 kHz
Selectable 300 kHz/400 kHz Switching
frequencies
for
ease-of-use
and
fast
transient
Frequencies
response.
The
VTTREF
tracks
VDDQ/2
within
Optimized Efficiency at Light and Heavy
excellent 0.8% accuracy. The VTT, which provides 2-
Loads with Auto-skip Function
A sink/source peak current capabilities, requires only
10-mF
of
ceramic
capacitance.
In
addition,
a
Supports Soft-Off in S4/S5 States
dedicated LDO supply input is available.
OCL/OVP/UVP/UVLO Protections
The TPS51216 provides rich useful functions as well
Powergood Output
as excellent power supply performance. It supports
2-A LDO(VTT), Buffered Reference(VTTREF)
flexible power state control, placing VTT at high-Z in
2-A (Peak) Sink and Source Current
S3 and discharging VDDQ, VTT and VTTREF (soft-
off) in S4/S5 state. Programmable OCL with low-side
Requires Only 10-m
mF of Ceramic Output
MOSFET
RDS(on) sensing, OVP/UVP/UVLO and
Capacitance
thermal shutdown protections are also available.
Buffered, Low Noise, 10-mA VTTREF
The TPS51216 is available in a 20-pin, 3 mm × 3
Output
mm, QFN package and is specified for ambient
0.8% VTTREF, 20-mV VTT Accuracy
temperature from –40°C to 85°C.
Support High-Z in S3 and Soft-Off in S4/S5
Thermal Shutdown
20-Pin, 3 mm × 3 mm, QFN Package
APPLICATIONS
DDR2/DDR3/DDR3L Memory Power Supplies
SSTL_18, SSTL_15, SSTL_135 and HSTL
Termination
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51216RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51216RUKT TI1-TPS51216RUKT Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
More results

Similar Description - TPS51216RUKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51916 TI1-TPS51916 Datasheet
959Kb / 33P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller, 2-A LDO, Buffered Reference
TPS51716 TI-TPS51716 Datasheet
1Mb / 30P
[Old version datasheet]   Complete DDR2, DDR3, DDR3L, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 2-A LDO, with Buffered Reference
logo
Global Mixed-mode Techn...
G5316 GMT-G5316 Datasheet
82Kb / 2P
   Complete DDR2, DDR3 and DDR3L Memory Solution Synchronous Buck PWM Controller, 2A LDO, Buffered Reference
logo
Texas Instruments
TPS51116RGETG4 TI1-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116RGETG4 TI-TPS51116RGETG4 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51216 TI1-TPS51216_15 Datasheet
1Mb / 33P
[Old version datasheet]   Complete DDR2 DDR3 and DDR3L Memory Power Solution Synchronous Buck Controller
TPS51116 TI1-TPS51116_12 Datasheet
1Mb / 42P
[Old version datasheet]   COMPLETE DDR, DDR2 AND DDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 3-A LDO, BUFFERED REFERENCE
TPS51116-EP TI1-TPS51116-EP Datasheet
1Mb / 38P
[Old version datasheet]   COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
TPS51116 TI1-TPS51116_16 Datasheet
1Mb / 45P
[Old version datasheet]   Complete DDR, DDR2, DDR3, and LPDDR3 Memory Power Solution Synchronous Buck Controller, 3-A LDO, Buffered Reference
TPS51916 TI1-TPS51916_12 Datasheet
975Kb / 34P
[Old version datasheet]   Complete DDR2, DDR3 and DDR3L Memory Power Solution Synchronous Buck
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com