Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195WG-413 Datasheet(PDF) 3 Page - Winbond

Part # W83195WG-413
Description  Winbond Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195WG-413 Datasheet(HTML) 3 Page - Winbond

  W83195WG-413 Datasheet HTML 1Page - Winbond W83195WG-413 Datasheet HTML 2Page - Winbond W83195WG-413 Datasheet HTML 3Page - Winbond W83195WG-413 Datasheet HTML 4Page - Winbond W83195WG-413 Datasheet HTML 5Page - Winbond W83195WG-413 Datasheet HTML 6Page - Winbond W83195WG-413 Datasheet HTML 7Page - Winbond W83195WG-413 Datasheet HTML 8Page - Winbond W83195WG-413 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
STEPLESS FOR ATI P4 CLOCK GENERATOR
Publication Release Date: Feb 2006
- II -
Revision 0.6
W83195WG-413/W83195CG-413
TABLE OF CONTENT
1.
GENERAL DESCRIPTION ......................................................................................................... 1
2.
PRODUCT FEATURES .............................................................................................................. 1
3.
PIN CONFIGURATION ...............................................................................................................2
4.
BLOCK DIAGRAM ...................................................................................................................... 2
5.
PIN DESCRIPTION..................................................................................................................... 3
6.
FREQUENCY SELECTION BY HARDWARE OR SOFTWARE ................................................ 5
7.
I
2C CONTROL AND STATUS REGISTERS............................................................................... 6
7.1
Register 0: ( Default : 00h ) ......................................................................................................6
7.2
Register 1: ( Default : XXh) ......................................................................................................6
7.3
Register 2: ( Default : 03h ) ......................................................................................................7
7.4
Register 3: ( Default : 03h ) ......................................................................................................7
7.5
Register 4: ( Default : FEh) ......................................................................................................8
7.6
Register 5: ( Default : 02h ) ......................................................................................................9
7.7
Register 6: ( Default : FFh )......................................................................................................9
7.8
Register 7: Winbond Chip ID – Project Code Register ( Default : 06h )...............................10
7.9
Register 8: ( Default :D0h )..................................................................................................10
7.10
Register 9: ( Default : 7Ah )....................................................................................................11
7.11
Register 10: Reserved ( Default : 3Bh ).................................................................................11
7.12
Register 11: ( Default : 0Eh )..................................................................................................11
7.13
Register 12: ( Default : XXh ) .................................................................................................12
7.14
Register 13: ( Default : 3Fh )..................................................................................................12
7.15
Register 14: ( Default : D0h ) .................................................................................................13
7.16
Register 15: ( Default : 5Ch ) .................................................................................................13
7.17
Register 16: ( Default : 24h ) ..................................................................................................14
7.18
Register 17: Reserved ( Default : 0Fh ).................................................................................14
7.19
Register 18: Reserved ( Default : 7Ah ).................................................................................14
7.20
Register 19: ( Default : 04h ) ..................................................................................................14
7.21
Register 20: ( Default : 88h ) ..................................................................................................15
7.22
Register 21: ( Default : ECh ).................................................................................................15
Table3: SRC & ATIG Frequency Selection Table..............................................................................16
8.
ACCESS INTERFACE .............................................................................................................. 17
8.1
Block Write protocol ...............................................................................................................17
8.2
Block Read protocol ...............................................................................................................17
8.3
Byte Write protocol .................................................................................................................17
8.4
Byte Read protocol.................................................................................................................17
9.
SPECIFICATIONS .................................................................................................................... 18


Similar Part No. - W83195WG-413

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
More results

Similar Description - W83195WG-413

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195WG-416 WINBOND-W83195WG-416 Datasheet
255Kb / 27P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com