Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS51211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51211
Description  HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51211 Datasheet(HTML) 1 Page - Texas Instruments

  TPS51211 Datasheet HTML 1Page - Texas Instruments TPS51211 Datasheet HTML 2Page - Texas Instruments TPS51211 Datasheet HTML 3Page - Texas Instruments TPS51211 Datasheet HTML 4Page - Texas Instruments TPS51211 Datasheet HTML 5Page - Texas Instruments TPS51211 Datasheet HTML 6Page - Texas Instruments TPS51211 Datasheet HTML 7Page - Texas Instruments TPS51211 Datasheet HTML 8Page - Texas Instruments TPS51211 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
10
9
8
7
VBST
DRVH
SW
V5IN
PGOOD
TRIP
EN
VFB
TPS51211
5
6
DRVL
TST
GND
V
IN
V
OUT
V
OUT_GND
EN
V5IN
UDG-10160
TPS51211
www.ti.com
SLUSAA7 – NOVEMBER 2010
HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN
CONTROLLER FOR NOTEBOOK POWER SUPPLY
1
FEATURES
APPLICATIONS
Notebook Computers
2
Wide Input Voltage Range: 3 V to 28 V
I/O Supplies
Output Voltage Range: 0.7 V to 2.6 V
System Power Supplies
Wide Output Load Range: 0 to 20A+
Built-in 0.5% 0.7 V Reference
DESCRIPTION
290-kHz, Adaptive On-Time D-CAP™ MODE
The TPS51211 is a small-sized single buck controller
Control
with adaptive on-time D-CAP™ mode. The device is
4700 ppm/°C RDS(on) Current Sensing
suitable for low output voltage, high current, PC
Internal 1-ms Voltage Servo Soft-start
system power rail and similar point-of-load (POL)
power supply in digital consumer products. A small
Pre-Charged Start-up Capability
package with minimal pin-count saves space on the
Built in Output Discharge
PCB, while a dedicated EN pin and pre-set frequency
Power Good Output
minimize design effort required for new designs. The
skip-mode at light load condition, strong gate drivers
Integrated Boost Switch
and low-side FET RDS(on) current sensing supports
Built-in OVP/UVP/OCP
low-loss and high efficiency, over a broad load range.
Thermal Shutdown (Non-latch)
The conversion input voltage which is the high-side
FET drain voltage ranges from 3 V to 28 V and the
SON-10 (DSC) Package
output voltage ranges from 0.7 V to 2.6 V. The device
requires an external 5-V supply. The TPS51211 is
available in a 10-pin SON package specified from
–40°C to 85°C.
TYPICAL APPLICATION CIRCUIT
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
D-CAP is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS51211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
More results

Similar Description - TPS51211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51211 TI-TPS51211_15 Datasheet
1Mb / 29P
[Old version datasheet]   High-Performance, Single Synchronous Step-Down Controller For Notebook Power Supply
TPS51217 TI-TPS51217 Datasheet
1,006Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI1-TPS51218_16 Datasheet
1,016Kb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51217 TI-TPS51217_15 Datasheet
1Mb / 29P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
TPS51218 TI-TPS51218 Datasheet
1Mb / 27P
[Old version datasheet]   HIGH PERFORMANCE, SINGLE SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER SUPPLY
logo
uPI Group Inc.
UP1537 UPI-UP1537 Datasheet
239Kb / 15P
   High Performance, Single Synchronous Step-Down Controller
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
Maxim Integrated Produc...
MAX1717 MAXIM-MAX1717 Datasheet
501Kb / 32P
   Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs
19-1636; Rev 0; 1/00
logo
Texas Instruments
TPS51427 TI-TPS51427_1 Datasheet
2Mb / 41P
[Old version datasheet]   DUAL D-CATM SYNCHRONOUS STEP-DOWN CONTROLLER FOR NOTEBOOK POWER RAILS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com