Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSC072N03LDG Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BSC072N03LDG
Description  OptiMOS?? Power-Transistors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSC072N03LDG Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSC072N03LDG Datasheet HTML 1Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 2Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 3Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 4Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 5Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 6Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 7Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 8Page - Infineon Technologies AG BSC072N03LDG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BSC072N03LD G
5 Typ. output characteristics
6 Typ. drain-source on resistance
I D=f(V DS); T j=25 °C
R DS(on)=f(I D); T j=25 °C
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. forward transconductance
I D=f(V GS); |V DS|>2|I D|R DS(on)max
g fs=f(I D); T j=25 °C
parameter: T j
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
5
10
15
20
010
20
30
I D [A]
25 °C
150 °C
0
10
20
30
40
50
60
70
80
01
23
45
V GS [V]
0
10
20
30
40
50
60
70
80
010
20
30
I D [A]
2.8 V
3 V
3.2 V
3.5 V
4 V
4.5 V
5 V
10 V
0
10
20
30
40
50
60
70
80
01
23
V DS [V]
Rev. 1.4
page 5
2009-10-23


Similar Part No. - BSC072N03LDG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC072N03LDG INFINEON-BSC072N03LDG Datasheet
325Kb / 10P
   OptiMOS?? Power-Transistors
Rev. 1.4 2009-10-23
More results

Similar Description - BSC072N03LDG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSC150N03LD INFINEON-BSC150N03LD Datasheet
325Kb / 10P
   OptiMOS?? Power-Transistors
Rev. 1.4 2009-11-04
BSC150N03LDG INFINEON-BSC150N03LDG Datasheet
325Kb / 10P
   OptiMOS?? Power-Transistors
Rev. 1.4 2009-11-04
BSC072N03LD INFINEON-BSC072N03LD Datasheet
325Kb / 10P
   OptiMOS?? Power-Transistors
Rev. 1.4 2009-10-23
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com