Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83195WG-416 Datasheet(PDF) 5 Page - Winbond

Part # W83195WG-416
Description  Winbond Clock Generator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83195WG-416 Datasheet(HTML) 5 Page - Winbond

  W83195WG-416 Datasheet HTML 1Page - Winbond W83195WG-416 Datasheet HTML 2Page - Winbond W83195WG-416 Datasheet HTML 3Page - Winbond W83195WG-416 Datasheet HTML 4Page - Winbond W83195WG-416 Datasheet HTML 5Page - Winbond W83195WG-416 Datasheet HTML 6Page - Winbond W83195WG-416 Datasheet HTML 7Page - Winbond W83195WG-416 Datasheet HTML 8Page - Winbond W83195WG-416 Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
STEPLESS FOR ATI K8 CLOCK GENERATOR
Publication Release Date: Feb 2006
1
Revision 0.6
W83195WG-416/W83195CG-416
1.
GENERAL DESCRIPTION
The W83195WG-416/W83195CG-416 is a Clock Synthesizer for ATI K8 serial chipsets. W83195WG-
416/ W83195CG-416 provides all clocks required for the high-speed microprocessor and provides
step-less frequency programming and 32 different frequencies of CPU, PCI, and SRC clocks setting,
all clocks are externally selectable with smooth transitions.
The W83195WG-416/W83195CG-416 provides I
2C serial bus interface to program the registers to
enable or disable each clock outputs and provides programmable S.S.T. scale to reduce EMI.
The W83195WG-416/W83195CG-416 accepts a 14.318 MHz reference crystal as its input and runs
on a 3.3V supply.
2.
PRODUCT FEATURES
• 2 pair push-pull Differential clock outputs for CPU.
• 6 pair current-mode Differential clock outputs for SRC.
• 2 pair current-mode Differential clock outputs for ATIG programmable.
• 1 PCI clock output.
• 1 48 MHz clock output for USB.
• 3 14.318MHz REF clock outputs.
• 1 HTT 66MHz clock output.
• Smooth frequency switch with selections from 100 to 400MHz.
• Step-less frequency programming.
• I2C 2-wire serial interface and support byte read/write and block read/write.
• Programmable S.S.T. scale to reduce EMI in M/N mode.
• Programmable registers to enable/disable each output and select modes.
• Programmable clock outputs slew rate control and skew control.
• 56 pin TSSOP/SSOP package.


Similar Part No. - W83195WG-416

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
More results

Similar Description - W83195WG-416

ManufacturerPart #DatasheetDescription
logo
Winbond
W83195CG-NP WINBOND-W83195CG-NP Datasheet
556Kb / 23P
   Winbond Clock Generator
W83195WG-413 WINBOND-W83195WG-413 Datasheet
254Kb / 27P
   Winbond Clock Generator
W83195WG-382 WINBOND-W83195WG-382 Datasheet
260Kb / 27P
   Winbond Clock Generator
W83195WG-301 WINBOND-W83195WG-301 Datasheet
258Kb / 27P
   Winbond Clock Generator
W83115RG-BW WINBOND-W83115RG-BW Datasheet
357Kb / 30P
   Winbond Clock Generator
W83195BR-101 WINBOND-W83195BR-101 Datasheet
673Kb / 27P
   Winbond Clock Generator For Intel 915/925 Chipsets
logo
Nuvoton Technology Corp...
W83195CG-NP NUVOTON-W83195CG-NP Datasheet
411Kb / 26P
   Winbond Clock Generator W83195CG-NP For Intel Napa Platform
logo
Winbond
W83195BR-341 WINBOND-W83195BR-341_06 Datasheet
691Kb / 26P
   WINBOND CLOCK GENERATOR FOR VIA P4/KT SERIES CHIPSET
W83194BR-603 WINBOND-W83194BR-603 Datasheet
696Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
W83194BR-SD WINBOND-W83194BR-SD Datasheet
632Kb / 26P
   Winbond Clock Generator For INTEL P4 Springdale Series Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com