Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83310S Datasheet(PDF) 5 Page - Winbond

Part # W83310S
Description  Bus Termination Regulator With Over Temp. & Current Limit Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83310S Datasheet(HTML) 5 Page - Winbond

  W83310S Datasheet HTML 1Page - Winbond W83310S Datasheet HTML 2Page - Winbond W83310S Datasheet HTML 3Page - Winbond W83310S Datasheet HTML 4Page - Winbond W83310S Datasheet HTML 5Page - Winbond W83310S Datasheet HTML 6Page - Winbond W83310S Datasheet HTML 7Page - Winbond W83310S Datasheet HTML 8Page - Winbond W83310S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
W83310S/W83310SG
Publication Release Date: Jan. 2006
-5-
Revision 0.7
4. PIN CONFIGURATION AND DESCRIPTION
SYMBOL
PIN
FUNCTION
VIN
1
Power input pin.
GND
2
Ground.
VREF
3
Reference voltage and Chip enable.
VOUT
4
Output voltage.
NC
5
No function
VCNTL
6
Gate drive voltage.
NC
7
No function
NC
8
No function
VIN
GND
VREF
VOUT
NC
NC
VCNTL
NC
1
2
3
4
8
7
6
5
inbond
W83310S


Similar Part No. - W83310S

ManufacturerPart #DatasheetDescription
logo
Winbond
W83310S-N WINBOND-W83310S-N Datasheet
324Kb / 14P
   Bus Termination Regulator
W83310S-N WINBOND-W83310S-N Datasheet
376Kb / 12P
   Bus Termination Regulator
W83310S-R WINBOND-W83310S-R Datasheet
324Kb / 14P
   Bus Termination Regulator
W83310S-R2 WINBOND-W83310S-R2 Datasheet
473Kb / 13P
   Bus Termination Regulator
More results

Similar Description - W83310S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
[Old version datasheet]   Precise Current Limit and Over Voltage Protection
logo
Feeling Technology Corp...
FP133 FEELING-FP133 Datasheet
279Kb / 10P
   Over Current Protection IC With Shunt Regulator
logo
ON Semiconductor
FPF2495C ONSEMI-FPF2495C Datasheet
521Kb / 10P
   IntelliMAX 28 V, Over-Voltage, Over-Current Protection Load Switch with Adjustable Current-Limit Control
November, 2021 ??Rev. 1
logo
Advanced Monolithic Sys...
AMS3131 ADMOS-AMS3131 Datasheet
319Kb / 9P
   Current Limit protection
AMS3132 ADMOS-AMS3132 Datasheet
439Kb / 10P
   Current Limit protection
logo
Unisonic Technologies
LR1112G-XX-AE5-R UTC-LR1112G-XX-AE5-R Datasheet
177Kb / 6P
   Current limit protection
logo
Solid State Optronic
AD4C111-L SSOUSA-AD4C111-L_15 Datasheet
221Kb / 5P
   Current Limit Protection
AD4C311-L SSOUSA-AD4C311-L Datasheet
220Kb / 5P
   Current limit protection
logo
Advanced Monolithic Sys...
AMS3109 ADMOS-AMS3109 Datasheet
584Kb / 10P
   Current Limit protection
AMS3121 ADMOS-AMS3121 Datasheet
327Kb / 9P
   Current Limit protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com