Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W83601G Datasheet(PDF) 5 Page - Winbond

Part # W83601G
Description  Winbond GPI/O IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W83601G Datasheet(HTML) 5 Page - Winbond

  W83601G Datasheet HTML 1Page - Winbond W83601G Datasheet HTML 2Page - Winbond W83601G Datasheet HTML 3Page - Winbond W83601G Datasheet HTML 4Page - Winbond W83601G Datasheet HTML 5Page - Winbond W83601G Datasheet HTML 6Page - Winbond W83601G Datasheet HTML 7Page - Winbond W83601G Datasheet HTML 8Page - Winbond W83601G Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
W83601R/G/W83602R/G
Publication Release Date: May 26, 2005
- 5 -
Revision 1.0
6.
PIN DESCRIPTION
I/OD24t
- TTL level bi-directional pin open drain output with 24 mA sink capability
I/OD12ts
- TTL level bi-directional pin open drain output with 12 mA sink capability and schmitt-trigger level input
I/O21
- CMOS level bi-directional pin with 21 mA source-sink capability
INt
- TTL level input pin
INcd
- CMOS level input pin with internal pull down resistor
INts
- TTL level Schmitt-trigger input pin
OD24
- Open drain output pin with 24 mA sink capability
W83601R/G
Universal General Purpose I/O Port for I2C BUS
PIN
SYMBOL
I/O
FUNCTION
1
SCL
INts
SMBus Clock. (I
2C clock)
2
SDA
I/OD12ts
SMBus bi-directional Data.(I2C data)
3
GP20
A0
I/O21
INcd
General Purpose I/O. This pin is a setting pin for SMBus (I
2C)
address bit 0 during power-on reset or RST# pin reset.
4
GP21
A1
I/O21
INcd
General Purpose I/O. This pin is a setting pin for SMBus (I
2C)
address bit 1 during power-on reset or RST# pin reset.
5
GP22
A2
I/O21
INcd
General Purpose I/O. This pin is a setting pin for SMBus (I
2C)
address bit 2 during power-on reset or RST# pin reset.
6
GP10
I/OD24t
General Purpose I/O default input.
7
GP11
I/OD24t
General Purpose I/O default input.
8
GP23
I/OD24t
General Purpose I/O default input.
9
GP24
I/OD24t
General Purpose I/O default input.
10
VSS
PWR
Ground Pin.
11
GP25
I/OD24t
General Purpose I/O default input.
12
GP26
INT
I/OD24t
OD24
General Purpose I/O default input.
Auto-generate Interrupt signal when detecting a transition on GPI
inputs. This interrupt is either on pin12 or pin18.
13
GP12
I/OD24t
General Purpose I/O default input.
14
GP13
I/OD24t
General Purpose I/O default input.
15
GP14
I/OD24t
General Purpose I/O default input.
16
GP15
I/OD24t
General Purpose I/O default input.
17
GP16
I/OD24t
General Purpose I/O default input.
18
GP17
INT
I/OD24t
OD24
General Purpose I/O default input.
Auto-generate Interrupt signal when detecting a transition on GPI
inputs. This interrupt is either on pin12 or pin18
19
RST#
Ints
Reset signal input.
20
VDD
PWR
Power Pin.


Similar Part No. - W83601G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83601G WINBOND-W83601G Datasheet
431Kb / 19P
   GPI/O IC
logo
Nuvoton Technology Corp...
W83601G NUVOTON-W83601G Datasheet
425Kb / 19P
   Nuvoton GPI/O Expander
logo
Winbond
W83601GR WINBOND-W83601GR Datasheet
431Kb / 19P
   GPI/O IC
W83601GR WINBOND-W83601GR_07 Datasheet
431Kb / 19P
   GPI/O IC
More results

Similar Description - W83601G

ManufacturerPart #DatasheetDescription
logo
Winbond
W83601R602R WINBOND-W83601R602R Datasheet
223Kb / 18P
   WINBOND GPI/O IC
W83601R WINBOND-W83601R Datasheet
194Kb / 17P
   Winbond SMBus GPI/O
W83601GR WINBOND-W83601GR_07 Datasheet
431Kb / 19P
   GPI/O IC
logo
Nuvoton Technology Corp...
W83601G NUVOTON-W83601G Datasheet
425Kb / 19P
   Nuvoton GPI/O Expander
logo
Winbond
W83977TF WINBOND-W83977TF_98 Datasheet
1,000Kb / 160P
   WINBOND I/O
W83977ATG WINBOND-W83977ATG Datasheet
1Mb / 198P
   WINBOND I/O
W83877F WINBOND-W83877F Datasheet
1Mb / 125P
   WINBOND I/O
W83877TG WINBOND-W83877TG Datasheet
968Kb / 154P
   WINBOND I/O
W83977F-A WINBOND-W83977F-A Datasheet
1Mb / 182P
   WINBOND I/O
W83627HF WINBOND-W83627HF Datasheet
1Mb / 185P
   WINBOND I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com