Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

BSP299 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSP299
Description  SIPMOS Small-Signal Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP299 Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSP299_09 Datasheet HTML 1Page - Infineon Technologies AG BSP299_09 Datasheet HTML 2Page - Infineon Technologies AG BSP299_09 Datasheet HTML 3Page - Infineon Technologies AG BSP299_09 Datasheet HTML 4Page - Infineon Technologies AG BSP299_09 Datasheet HTML 5Page - Infineon Technologies AG BSP299_09 Datasheet HTML 6Page - Infineon Technologies AG BSP299_09 Datasheet HTML 7Page - Infineon Technologies AG BSP299_09 Datasheet HTML 8Page - Infineon Technologies AG BSP299_09 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Rev 2.1
4
2009-03-25
BSP 299
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TA = 25 °C
IS
-
-
0.4
A
Inverse diode direct current,pulsed
TA = 25 °C
ISM
-
-
1.6
Inverse diode forward voltage
VGS = 0 V, IF = 0.8 A, Tj = 25 °C
VSD
-
0.9
1.2
V
Reverse recovery time
VR = 100 V, IF=lS, diF/dt = 100 A/µs
trr
-
300
-
ns
Reverse recovery charge
VR = 100 V, IF=lS, diF/dt = 100 A/µs
Qrr
-
2.5
-
µC


Similar Part No. - BSP299_09

ManufacturerPart #DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP299 SIEMENS-BSP299 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Infineon Technologies AG
Infineon Technologies A...
BSP299 INFINEON-BSP299 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor
Sep-12-1996
More results

Similar Description - BSP299_09

ManufacturerPart #DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
BSS123 INFINEON-BSS123_10 Datasheet
128Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev. 1.41 2010-05-12
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
   SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSP170P INFINEON-BSP170P_09 Datasheet
298Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.52 2009-02-16
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
Siemens Semiconductor Group
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor
Infineon Technologies AG
Infineon Technologies A...
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com