Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W681310RG Datasheet(PDF) 3 Page - Winbond

Part # W681310RG
Description  3V SINGLE-CHANNEL VOICEBAND CODEC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W681310RG Datasheet(HTML) 3 Page - Winbond

  W681310RG Datasheet HTML 1Page - Winbond W681310RG Datasheet HTML 2Page - Winbond W681310RG Datasheet HTML 3Page - Winbond W681310RG Datasheet HTML 4Page - Winbond W681310RG Datasheet HTML 5Page - Winbond W681310RG Datasheet HTML 6Page - Winbond W681310RG Datasheet HTML 7Page - Winbond W681310RG Datasheet HTML 8Page - Winbond W681310RG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
W681310
Publication Release Date: April 2007
- 3 -
Revision B14
3. BLOCK DIAGRAM
256 kHz,
512 kHz,
1536 kHz,
1544 kHz,
2048 kHz,
2560 kHz
4096 kHz
MCLK
256 kHz
8 kHz
512 kHz
Pre -scaler
Power Conditioning
Voltage reference
V
AG
G.712 CODEC
G.711
μ/A-Law
PAO+
PAO-
PAI
RO-
AO
AI+
AI-
μ/A-Law
Tra
ns
mit
PC
M
Int
erf
ace
Re
cei
ve
PC
M
Int
erf
ace
FST
BCLKT
PCMT
FSR
BCLKR
PCMR
V
REF
256 kHz,
512 kHz,
1536 kHz,
1544 kHz,
2048 kHz,
2560 kHz
MCLK
256 kHz
8 kHz
Pre -Scaler
Power Conditioning
Voltage reference
V
AG
G.712 CODEC
G.711
μ/A-Law
RO
μ/A-Law
G.712 CODEC
G.711
μ/A-Law
RO
μ/A-Law
BCLKT
BCLKT
BCLKR
V
& 4800 kHz


Similar Part No. - W681310RG

ManufacturerPart #DatasheetDescription
logo
Winbond
W681310RG WINBOND-W681310RG Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310RG NUVOTON-W681310RG Datasheet
1Mb / 36P
   3V SINGLE CHANNEL VOICEBAND CODEC
More results

Similar Description - W681310RG

ManufacturerPart #DatasheetDescription
logo
Winbond
W681310 WINBOND-W681310 Datasheet
465Kb / 36P
   3V SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681310 NUVOTON-W681310 Datasheet
1Mb / 36P
   3V SINGLE CHANNEL VOICEBAND CODEC
logo
Winbond
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com