Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS3256D Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BTS3256D
Description  10 m廓 smart power single channel low side switch with restart and variable slew rate
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS3256D Datasheet(HTML) 4 Page - Infineon Technologies AG

  BTS3256D Datasheet HTML 1Page - Infineon Technologies AG BTS3256D Datasheet HTML 2Page - Infineon Technologies AG BTS3256D Datasheet HTML 3Page - Infineon Technologies AG BTS3256D Datasheet HTML 4Page - Infineon Technologies AG BTS3256D Datasheet HTML 5Page - Infineon Technologies AG BTS3256D Datasheet HTML 6Page - Infineon Technologies AG BTS3256D Datasheet HTML 7Page - Infineon Technologies AG BTS3256D Datasheet HTML 8Page - Infineon Technologies AG BTS3256D Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Datasheet
4
Rev. 1.0, 2009-05-05
Smart Low Side Power Switch
HITFET - BTS 3256D
Overview
Digital Diagnostic Features
Over temperature
Over load
•Short circuit
Clear detection due to a restart delay time
Protection Functions
Enhanced short circuit protection with time and power limited active current limitation
Under voltage lock out
Over temperature with time and temperature controlled auto restart
Over load with power and time controlled auto restart
ESD protection
Application
All types of resistive, inductive and capacitive loads
Suitable for loads with inrush current, such as motors, coils, solenoids or lamps
Suitable for EMC optimized switching in slow operation mode
Suitable for higher speed PWM controlled loads in fast operation mode
Replacement of electromechanical relays, fuses and discrete circuits
Micro controller compatible low side power switch with digital feedback for 12V loads
Detailed Description
The BTS 3256D is an autorestart single channel low-side power switch in PG-TO-252-5-11 package providing
embedded protective functions. The device is able to switch all kind of resistive, inductive and capacitive loads.
The ESD protection of the VS and IN/Fault pin is referenced to GND.
The BTS 3256D is supplied by the VS Pin. This Pin should be connected to a reverse protected battery line. The
supply voltage is monitored by the under voltage lock out circuit. The Gate driving unit allows the device to operate
in the lowest ohmic range independent of the input signal level, 3.3 V or 5 V . For slow PWM application the device
offers smooth turn-on and off due to the embedded edge shaping function, to reduce EMC noise. Furthermore the
SRP pin can be used to customize the slew rate of the device in a wide range.
The Device is designed for driving automotive loads like motors,valves, coils or bulbs in continous or PWM mode.
The over voltage protection is for protection during load-dump or inductive turn off conditions. The power MOSFET
is limiting the Drain-Source voltage to a specified level. This function is available even without any supply.
The over temperature protection prevents the device from overheating due to overload and/or bad cooling
conditions. In order to reduce the device stress the edge shaping is disabled during thermal shutdown. After
thermal shutdown the device stays off for the specified restart delay time to enable a clear feedback readout on
the microcontroller. After this time the device follows the IN signal state.
At high dynamic overload conditions, such as short circuit, the device will either turn off immediately due to the
implemented over power limitation, or limit the current for a specified time and then switch off for the restart delay
time. Shutdown of the device is triggered if the power dissipation during limitation is above the over power
threshold. The short circuit shutdown is a timed restart function. The device will stay off for the specified time and
afterwards follow the IN signal state. In order to reduce the device stress the edge shaping is disabled during
protective turn off.


Similar Part No. - BTS3256D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3205N INFINEON-BTS3205N Datasheet
369Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, Sep 2008
BTS3207N INFINEON-BTS3207N Datasheet
311Kb / 10P
   Smart Lowside Power Switch
V1.0, 2004-11-19
BTS3207N INFINEON-BTS3207N Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.2, 2008-04-14
BTS3207N INFINEON-BTS3207N_08 Datasheet
279Kb / 11P
   Smart Low Side Power Switch
Rev. 1.2, 2008-04-14
More results

Similar Description - BTS3256D

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
BTT6200-1ENA INFINEON-BTT6200-1ENA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com