Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W681513 Datasheet(PDF) 7 Page - Winbond

Part # W681513
Description  5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W681513 Datasheet(HTML) 7 Page - Winbond

Back Button W681513 Datasheet HTML 3Page - Winbond W681513 Datasheet HTML 4Page - Winbond W681513 Datasheet HTML 5Page - Winbond W681513 Datasheet HTML 6Page - Winbond W681513 Datasheet HTML 7Page - Winbond W681513 Datasheet HTML 8Page - Winbond W681513 Datasheet HTML 9Page - Winbond W681513 Datasheet HTML 10Page - Winbond W681513 Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
W681513
Publication Release Date: October, 2005
- 7 -
Revision A11
6. PIN DESCRIPTION
Pin
Name
Pin
No.
Functionality
RO+
1
Non-inverting output of the receive smoothing filter. This pin can typically drive a 2 k
Ω load to
1.575 volt peak referenced to the analog ground level.
RO+
2
Non-inverting output of the receive smoothing filter. This pin can typically drive a 2 k
Ω load to
1.575 volt peak referenced to the analog ground level.
PAI
3
This pin is the inverting input to the power amplifier. Its DC level is at the VAG voltage.
PAO-
4
Inverting power amplifier output. This pin can drive a 300
Ω load to 1.575 volt peak referenced
to the VAG voltage level.
PAO+
5
Non-inverting power amplifier output. This pin can drive a 300
Ω load to 1.575 volt peak
referenced to the VAG voltage level.
VDD
6
Power supply. This pin should be decoupled to VSS with a 0.1μF ceramic capacitor.
FSR
7
8 kHz Frame Sync input for the PCM receive section. This pin also selects channel 0 or
channel 1 in the GCI and IDL modes. It can also be connected to the FST pin when transmit
and receive are synchronous operations.
PCMR
8
PCM input data receive pin. The data needs to be synchronous with the FSR and BCLKR pins.
BCLKR
9
PCM receive bit clock input pin. This pin also selects the interface mode. The GCI mode is
selected when this pin is tied to VSS. The IDL mode is selected when this pin is tied to VDD.
This pin can also be tied to the BCLKT when transmit and receive are synchronous operations.
PUI
10
Power up input signal. When this pin is tied to VDD, the part is powered up. When tied to VSS,
the part is powered down.
MCLK
11
System master clock input supporting 2000 kHz only.
BCLKT
12
PCM transmit bit clock input pin.
PCMT
13
PCM output data transmit pin. The output data is synchronous with the FST and BCLKT pins.
FST
14
8 kHz transmit frame sync input. This pin synchronizes the transmit data bytes.
VSS
15
This is the supply ground. This pin should be connected to 0V.
μ/A-Law
16
Compander mode select pin.
μ-Law companding is selected when this pin is tied to VDD. A-Law
companding is selected when this pin is tied to VSS.
AO
17
Analog output of the first gain stage in the transmit path.
AI-
18
Inverting input of the first gain stage in the transmit path.
AI+
19
Non-inverting input of the first gain stage in the transmit path.
VAG
20
Mid-Supply analog ground pin, which supplies a 2.5 Volt reference voltage for all-analog signal
processing. This pin should be decoupled to VSS with a 0.01μF to 0.1 μF capacitor. This pin
becomes high impedance when the chip is powered down.


Similar Part No. - W681513

ManufacturerPart #DatasheetDescription
logo
Winbond
W681513 WINBOND-W681513 Datasheet
382Kb / 33P
   5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
W681513S WINBOND-W681513S Datasheet
382Kb / 33P
   5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
More results

Similar Description - W681513

ManufacturerPart #DatasheetDescription
logo
Winbond
W681513 WINBOND-W681513 Datasheet
382Kb / 33P
   5V SINGLE-CHANNEL VOICEBAND CODEC FOR USB APPLICATIONS
W6811 WINBOND-W6811 Datasheet
457Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 WINBOND-W681512 Datasheet
316Kb / 38P
   SINGLE-CHANNEL VOICEBAND CODEC
W6811 WINBOND-W6811_05 Datasheet
598Kb / 37P
   SINGLE-CHANNEL VOICEBAND CODEC
W6810 WINBOND-W6810 Datasheet
405Kb / 36P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511_05 Datasheet
520Kb / 33P
   SINGLE-CHANNEL VOICEBAND CODEC
W681511 WINBOND-W681511 Datasheet
406Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
List of Unclassifed Man...
W681511SG ETC2-W681511SG Datasheet
283Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
logo
Nuvoton Technology Corp...
W681511 NUVOTON-W681511 Datasheet
931Kb / 32P
   SINGLE-CHANNEL VOICEBAND CODEC
W681512 NUVOTON-W681512 Datasheet
942Kb / 34P
   SINGLE-CHANNEL VOICEBAND CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com