Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW08T120 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKW08T120
Description  Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW08T120 Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKW08T120_08 Datasheet HTML 1Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 2Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 3Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 4Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 5Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 6Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 7Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 8Page - Infineon Technologies AG IKW08T120_08 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IKW08T120
TrenchStop® Series
Power Semiconductors
3
Rev. 2.3 Sep 08
Thermal Resistance
Parameter
Symbol
Conditions
Max. Value
Unit
Characteristic
IGBT thermal resistance,
junction – case
RthJC
1.7
Diode thermal resistance,
junction – case
RthJCD
2.3
Thermal resistance,
junction – ambient
RthJA
40
K/W
Electrical Characteristic, at Tj = 25
°C, unless otherwise specified
Value
Parameter
Symbol
Conditions
min.
typ.
max.
Unit
Static Characteristic
Collector-emitter breakdown voltage
V(BR)CES VGE=0V, IC=0.5mA
1200
-
-
Collector-emitter saturation voltage
VCE(sat)
VGE = 15V, IC=8A
Tj=25
°C
Tj=125
°C
Tj=150
°C
-
-
-
1.7
2.0
2.2
2.2
-
-
Diode forward voltage
VF
VGE=0V, IF=8A
Tj=25
°C
Tj=125
°C
Tj=150
°C
-
-
-
1.7
1.7
1.7
2.2
-
-
Gate-emitter threshold voltage
VGE(th)
IC=0.3mA,VCE=VGE
5.0
5.8
6.5
V
Zero gate voltage collector current
ICES
VCE=1200V,
VGE=0V
Tj=25
°C
Tj=150
°C
-
-
-
-
0.2
2.0
mA
Gate-emitter leakage current
IGES
VCE=0V,VGE=20V
-
-
100
nA
Transconductance
gfs
VCE=20V, IC=8A
-
5
-
S
Integrated gate resistor
RGint
none


Similar Part No. - IKW08T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW08T120 INFINEON-IKW08T120_13 Datasheet
516Kb / 16P
   IGBT in TrenchStop짰 and Fieldstop technology with soft,
Rev. 2.4 12.06.2013
More results

Similar Description - IKW08T120_08

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW25T120 INFINEON-IKW25T120_08 Datasheet
374Kb / 16P
   Low Loss DuoPack : IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHP10T120 INFINEON-IHP10T120_07 Datasheet
376Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 Sept. 07
IKA15N60T INFINEON-IKA15N60T Datasheet
404Kb / 13P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 July 06
IKP06N60T INFINEON-IKP06N60T Datasheet
359Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 May 06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com