Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTS712N1 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # BTS712N1
Description  Smart Four Channel Highside Power Switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS712N1 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button BTS712N1 Datasheet HTML 7Page - Infineon Technologies AG BTS712N1 Datasheet HTML 8Page - Infineon Technologies AG BTS712N1 Datasheet HTML 9Page - Infineon Technologies AG BTS712N1 Datasheet HTML 10Page - Infineon Technologies AG BTS712N1 Datasheet HTML 11Page - Infineon Technologies AG BTS712N1 Datasheet HTML 12Page - Infineon Technologies AG BTS712N1 Datasheet HTML 13Page - Infineon Technologies AG BTS712N1 Datasheet HTML 14Page - Infineon Technologies AG BTS712N1 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Data Sheet
11
Rev 1.3, 2010-03-16
Smart High-Side Power Switch
BTS712N1
Typ. on-state resistance
; IL = 1.8 A, IN = high
RON [mOhm]
Vbb [V]
Typ. standby current
; Vbb = 9...34 V, IN1...4 = low
Ibb(off) [
µA]
Tj [°C]
Ibb(off) includes four times the current IL(off) of the open
load detection current sources.
Typ. ground pin operating current
VIN = high (one channel on)
IGND
]
A
m
[
Vbb [V]
Typ. initial short circuit shutdown time
; Vbb =12 V
toff(SC) [msec]
0
10
20
30
40
50
60
40
-25
0
25
50
75
100
125
150
Tj, start [°C]


Similar Part No. - BTS712N1

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BTS712N1 SIEMENS-BTS712N1 Datasheet
183Kb / 14P
   Smart Four Channel Highside Power Switch (Overload protection Current limitation Short-circuit protection Thermal shutdown)
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2004-Mar-11
More results

Similar Description - BTS712N1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS712N1 INFINEON-BTS712N1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2004-Mar-11
BTS711L1 INFINEON-BTS711L1_10 Datasheet
1Mb / 18P
   Smart Four Channel Highside Power Switch
Rev 1.2, 2010-03-16
BTS711L1 INFINEON-BTS711L1 Datasheet
355Kb / 16P
   Smart Four Channel Highside Power Switch
2003-Oct-01
BTS721L1 INFINEON-BTS721L1 Datasheet
360Kb / 15P
   Smart Four Channel Highside Power Switch
2003-Oct-01
ITS711L1 INFINEON-ITS711L1 Datasheet
385Kb / 16P
   Smart Four Channel Highside Power Switch for Industrial Applications
2006-Mar-23
logo
Siemens Semiconductor G...
BTS611L1 SIEMENS-BTS611L1 Datasheet
191Kb / 14P
   Smart Two Channel Highside Power Switch
logo
Infineon Technologies A...
BTS611L1 INFINEON-BTS611L1 Datasheet
312Kb / 15P
   Smart Two Channel Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
   Smart Highside Power Switch
logo
Infineon Technologies A...
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
   Smart Highside Power Switch
2003-Oct-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com